Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL600-0101A1-35AM1A2 Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL600-0101A1-35AM1A2
Description  These specifications are applied to the chip type LED lamp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL600-0101A1-35AM1A2 Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL600-0101A1-35AM1A2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
8. Packing Specifications
8-1. Moisture-proof Packing
To prevent moisture absorption during transportation and storage, reels are packed in
aluminum envelopes which contain a desiccant with a humidity indicator.
8-2. Storage
To prevent moisture absorption, it is strongly recommended that reels (in bulk or
taped) should be stored in the dry box (or the desiccator) with a desiccant as the
appropriate storage place. If not, the following is recommended.
Temperature :
5~30C
Humidity :
60%RH max.
The devices should be mounted as soon as possible after unpacking. If you store the
unpacked reels, please store them in the dry box or seal them into the envelop again.
Symbol
DATA SHEET
CITIZEN ELECTRONICS CO.,LTD. JAPAN
CITILED
Name
CLL600-0101A1-35AM1A2
Aluminum envelop
Desiccant
Label
Reel
Polyester Zip fastener
Ref.CE-P1607
10/11


Similar Part No. - CLL600-0101A1-35AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
More results

Similar Description - CLL600-0101A1-35AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-27AM1A2 CITIZEN-CLL600-0101A1-27AM1A2 Datasheet
395Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-40AM1B1 CITIZEN-CLL130-0102A5-40AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-65CM1B3 CITIZEN-CLL130-0102A5-65CM1B3 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com