Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55452BJG Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55452BJG
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55452BJG Datasheet(HTML) 11 Page - Texas Instruments

Back Button SNJ55452BJG Datasheet HTML 7Page - Texas Instruments SNJ55452BJG Datasheet HTML 8Page - Texas Instruments SNJ55452BJG Datasheet HTML 9Page - Texas Instruments SNJ55452BJG Datasheet HTML 10Page - Texas Instruments SNJ55452BJG Datasheet HTML 11Page - Texas Instruments SNJ55452BJG Datasheet HTML 12Page - Texas Instruments SNJ55452BJG Datasheet HTML 13Page - Texas Instruments SNJ55452BJG Datasheet HTML 14Page - Texas Instruments SNJ55452BJG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
≥1
≥1
5
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
&
5
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
11
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
www.ti.com
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
Product Folder Links: SN55451B SN55452B SN55453B SN55454B SN75451B SN75452B SN75453B SN75454B
Submit Documentation Feedback
Copyright © 1967–2016, Texas Instruments Incorporated
(1)
Positive logic: Y = AB or A + B
Figure 11. SNx5452B Logic Symbol
Table 2. SNx5452B Function Table
A
B
Y (1)
L
L
H (off state)
L
H
H (off state)
H
L
H (off state)
H
H
L (on state)
(1)
Positive logic: Y = AB or NOT(A + B)
Figure 12. SNx5453B Logic Symbol
Table 3. SNx5453B Function Table
A
B
Y (1)
L
L
L (on state)
L
H
H (off state)
H
L
H (off state)
H
H
H (off state)
(1)
Positive logic: Y = A+B or A B
Figure 13. SNx5454B Logic Symbol
Table 4. SNx5454B Function Table
A
B
Y (1)
L
L
H (off state)
L
H
L (on state)
H
L
L (on state)
H
H
L (on state)


Similar Part No. - SNJ55452BJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55452BJG TI-SNJ55452BJG Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55452BJG TI-SNJ55452BJG Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55452BJG TI1-SNJ55452BJG Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SNJ55452BJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com