Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75454BPSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75454BPSR
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75454BPSR Datasheet(HTML) 4 Page - Texas Instruments

  SN75454BPSR Datasheet HTML 1Page - Texas Instruments SN75454BPSR Datasheet HTML 2Page - Texas Instruments SN75454BPSR Datasheet HTML 3Page - Texas Instruments SN75454BPSR Datasheet HTML 4Page - Texas Instruments SN75454BPSR Datasheet HTML 5Page - Texas Instruments SN75454BPSR Datasheet HTML 6Page - Texas Instruments SN75454BPSR Datasheet HTML 7Page - Texas Instruments SN75454BPSR Datasheet HTML 8Page - Texas Instruments SN75454BPSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
www.ti.com
Product Folder Links: SN55451B SN55452B SN55453B SN55454B SN75451B SN75452B SN75453B SN75454B
Submit Documentation Feedback
Copyright © 1967–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to network GND, unless otherwise specified.
(3)
This is the voltage between two emitters of a multiple-emitter transistor.
(4)
This value applies when the base-emitter resistance (RBE) is equal to or less than 500
Ω.
(5)
Both halves of these dual circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time
interval must fall within the continuous dissipation rating.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage, (see (2))
7
V
VI
Input voltage
5.5
V
Inter-emitter voltage (see Note (3))
5.5
V
VO
Off-state output voltage
30
V
IOK
Continuous collector or output current, (see Note (4))
400
mA
Peak collector or output current, II (tw
≤ 10 ms, duty cycle ≤ 50%, see Note (5))
500
mA
Continuous total power dissipation
See Dissipation
Ratings
TA
Operating free-air temperature
SN5545xB
–55
125
°C
SN7545xB
0
70
Case temperature for 60 seconds
SN5545xB FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
SN5545xB JG package
100
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
SN7545xB D or P package
260
°C
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
7.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
SN5545xB
4.5
5
5.5
V
SN7545xB
4.75
5
5.25
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
TA
Operating free-air temperature
SN5545xB
–50
125
°C
SN7545xB
0
70
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.3 Thermal Information
THERMAL METRIC(1)
SN7545xB
UNIT
D (SOIC)
P (PDIP)
PS (SO)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
122.2
63.7
119.6
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
68.4
53.6
71.5
°C/W
RθJB
Junction-to-board thermal resistance
62.4
40.8
68.7
°C/W
ψJT
Junction-to-top characterization parameter
23.2
31.1
31.6
°C/W
ψJB
Junction-to-board characterization parameter
62.0
40.8
67.7
°C/W


Similar Part No. - SN75454BPSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75454BPSR TI-SN75454BPSR Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75454BPSR TI-SN75454BPSR Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75454BPSR TI1-SN75454BPSR Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75454BPSRE4 TI-SN75454BPSRE4 Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75454BPSRE4 TI-SN75454BPSRE4 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75454BPSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com