Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC339 Datasheet(PDF) 2 Page - NEC

Part # UPC339
Description  LOW POWER QUAD COMPARATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC339 Datasheet(HTML) 2 Page - NEC

  UPC339 Datasheet HTML 1Page - NEC UPC339 Datasheet HTML 2Page - NEC UPC339 Datasheet HTML 3Page - NEC UPC339 Datasheet HTML 4Page - NEC UPC339 Datasheet HTML 5Page - NEC UPC339 Datasheet HTML 6Page - NEC UPC339 Datasheet HTML 7Page - NEC UPC339 Datasheet HTML 8Page - NEC UPC339 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µPC339
2
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V
Note 1
V+ –V
–0.3 to +36
V
Differential Input Voltage
VID
±36
V
Input Voltage
Note 2
VI
V–0.3 to V+36
V
Output Voltage
Note 3
VO
V–0.3 to V+36
V
Power Dissipation
C Package
Note 4
PT
570
mW
G2 Package Note 5
550
mW
Output Short Circuit Duration
Note 6
Indefinite
sec
Operating Ambient Temperature
TA
–20 to +80
°C
Storage Temperature
Tstg
–55 to + 125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction independent of the
magnitude of V+. Either input signal should not be allowed to go negative by more than 0.3 V. The normal
operation will establish when any input is within the Common Mode Input Voltage Range of electrical
characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external
without damage or destruction independent of the magnitude of V+. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept.
4. Thermal derating factor is –7.6 mW/
°C when operating ambient temperature is higher than 55 °C.
5. Thermal derating factor is –5.5 mW/
°C when operating ambient temperature is higher than 25 °C.
6. Short circuits from the output to V+ can cause destruction. Pay careful attention to the total power
dissipation not to exceed the absolute maximum ratings, Note 4 and Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (Split)
V
±
±1
±16
V
Supply Voltage (V= GND)
V+
+2
+32
V


Similar Part No. - UPC339

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC339C RENESAS-UPC339C Datasheet
236Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC339G2 RENESAS-UPC339G2 Datasheet
236Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC339G2-A RENESAS-UPC339G2-A Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
NEC
UPC339GR-9LG NEC-UPC339GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
More results

Similar Description - UPC339

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
   LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
   Quad Low Power, Precision Comparator
REV. D
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
   Ultra-Low Power Quad Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
[Old version datasheet]   Ultra-Low Power Quad Comparator
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com