Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54126J Datasheet(PDF) 2 Page - Texas Instruments

Part # SNJ54126J
Description  QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54126J Datasheet(HTML) 2 Page - Texas Instruments

  SNJ54126J Datasheet HTML 1Page - Texas Instruments SNJ54126J Datasheet HTML 2Page - Texas Instruments SNJ54126J Datasheet HTML 3Page - Texas Instruments SNJ54126J Datasheet HTML 4Page - Texas Instruments SNJ54126J Datasheet HTML 5Page - Texas Instruments SNJ54126J Datasheet HTML 6Page - Texas Instruments SNJ54126J Datasheet HTML 7Page - Texas Instruments SNJ54126J Datasheet HTML 8Page - Texas Instruments SNJ54126J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SN54125, SN54126, SN54LS125A, SN54LS126A,
SN74125, SN74126, SN74LS125A, SN74LS126A
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SDLS044A – DECEMBER 1983 – REVISED MARCH 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN74LS125AN
SN74LS125AN
PDIP – N
Tube
SN74LS126AN
SN74LS126AN
Tube
SN74LS125AD
LS125A
0
°Cto70°C
SOIC
D
Tape and reel
SN74LS125ADR
LS125A
0
°C to 70°C
SOIC – D
Tube
SN74LS126AD
LS126A
Tape and reel
SN74LS126ADR
LS126A
SOP
NS
Tape and reel
SN74LS125ANSR
74LS125A
SOP – NS
Tape and reel
SN74LS126ANSR
74LS126A
CDIP
J
Tube
SN54LS125AJ
SN54LS125AJ
55
°Cto125°C
CDIP – J
Tube
SNJ54LS125AJ
SNJ54LS125AJ
–55
°C to 125°C
CFP – W
Tube
SNJ54LS125AW
SNJ54LS125AW
LCCC – FK
Tube
SNJ54LS125AFK
SNJ54LS125AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
logic diagram (each gate)
AY
Y = A
G
’125, ’LS125A
AY
G
’126, ’LS126A
The SN54125, SN54126, SN74125,
SN74126, and SN54LS126A are
obsolete and are no longer supplied.


Similar Part No. - SNJ54126J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54126J TI-SNJ54126J Datasheet
265Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SNJ54126J TI-SNJ54126J Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54126J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI-SN54125 Datasheet
265Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI-SN54125_08 Datasheet
769Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVT125 TI-SN74LVT125_06 Datasheet
276Kb / 12P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_10 Datasheet
549Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com