Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55107AW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55107AW
Description  DUAL LINE RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55107AW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ55107AW Datasheet HTML 4Page - Texas Instruments SNJ55107AW Datasheet HTML 5Page - Texas Instruments SNJ55107AW Datasheet HTML 6Page - Texas Instruments SNJ55107AW Datasheet HTML 7Page - Texas Instruments SNJ55107AW Datasheet HTML 8Page - Texas Instruments SNJ55107AW Datasheet HTML 9Page - Texas Instruments SNJ55107AW Datasheet HTML 10Page - Texas Instruments SNJ55107AW Datasheet HTML 11Page - Texas Instruments SNJ55107AW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
–40
VID – Differential Input Voltage – mV
6
40
0
– 30
– 20
– 10
0
10
20
30
1
2
3
4
5
VCC
± = ±5 V
RL = 400 Ω
TA = 25 °C
SN75108A
Inverting
Inputs
Inputs
Noninverting
’107A,
SN75107B
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 4
–75
TA – Free-Air Temperature – °C
100
125
0
– 25
0
25
50
75
100
20
40
60
80
VCC
± = ±5 V
HIGH-LEVEL INPUT CURRENT (1A OR 2A)
vs
FREE-AIR TEMPERATURE
–50
Figure 5
30
0
5
10
15
20
25
100
75
50
25
0
–25
– 50
125
TA – Free-Air Temperature – °C
–75
VCC
± = ±5 V
ICC +
ICC –
SUPPPLY CURRENT (OUTPUTS HIGH)
vs
FREE-AIR TEMPERATURE
Figure 6
40
0
5
10
15
20
25
30
35
–75
TA – Free-Air Temperature – °C
125
– 50
– 25
0
25
50
75
100
tPLH(D)
tPHL(D)
PROPAGATION DELAY TIME
(DIFFERENTIAL INPUTS)
vs
FREE-AIR TEMPERATURE
CL = 50 pF
RL = 390 Ω
VCC
± = ±5 V
† Values below 0
°C and above 70°C apply to SN55107A only.


Similar Part No. - SNJ55107AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55107AW TI-SNJ55107AW Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SNJ55107AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com