Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55107AJ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN55107AJ
Description  DUAL LINE RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55107AJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN55107AJ Datasheet HTML 7Page - Texas Instruments SN55107AJ Datasheet HTML 8Page - Texas Instruments SN55107AJ Datasheet HTML 9Page - Texas Instruments SN55107AJ Datasheet HTML 10Page - Texas Instruments SN55107AJ Datasheet HTML 11Page - Texas Instruments SN55107AJ Datasheet HTML 12Page - Texas Instruments SN55107AJ Datasheet HTML 13Page - Texas Instruments SN55107AJ Datasheet HTML 14Page - Texas Instruments SN55107AJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
C
RT
RT
RT
RT
Drivers
SN55110A, SN75110A,
SN75112
Receiver 1
Receiver 2
Receiver 4
Driver 1
Driver 3
Driver 4
Location 1
Location 3
Location 4
Strobes
Receivers
‘107A, SN75107B,
SN75108A
Location 2
Data
Input
Inhibit
A
B
C
D
A
BB
A
C
DD
YY
Y
Strobes
Strobes
Figure 12. Typical Differential Party Line
unbalanced or single-line systems
These dual line circuits also can be used in unbalanced or single-line systems. Although these systems do not
offer the same performance as balanced systems for long lines, they are adequate for very short lines where
environmental noise is not severe.
The receiver threshold level is established by applying a dc reference voltage to one receiver input terminal.
The signal from the transmission line is applied to the remaining input. The reference voltage should be
optimized so that signal swing is symmetrical about it for maximum noise margin. The reference voltage should
be in the range of – 3 V to 3 V. It can be provided by a voltage supply or by a voltage divider from an available
supply voltage.
A single-ended output from a driver can be used in single-line systems. Coaxial or shielded line is preferred for
minimum noise and crosstalk problems. For large signal swings, the high output current (typically 27 mA) of the
SN75112 is recommended. Drivers can be paralleled for higher current. When using only one channel of the
line drivers, the other channel should be inhibited and/or have its outputs grounded.
Input
Vref
Input
Inhibit
SN55110A, SN75110A, SN75112
A
B
C
D
Output
VO = – IO • R
R
‘107A, SN75107B, SN75108A
Strobes
Output
Figure 13. Single-Ended Operation


Similar Part No. - SN55107AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107AJ TI-SN55107AJ Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN55107AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com