Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2128UA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA2128UA
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2128UA Datasheet(HTML) 4 Page - Texas Instruments

  INA2128UA Datasheet HTML 1Page - Texas Instruments INA2128UA Datasheet HTML 2Page - Texas Instruments INA2128UA Datasheet HTML 3Page - Texas Instruments INA2128UA Datasheet HTML 4Page - Texas Instruments INA2128UA Datasheet HTML 5Page - Texas Instruments INA2128UA Datasheet HTML 6Page - Texas Instruments INA2128UA Datasheet HTML 7Page - Texas Instruments INA2128UA Datasheet HTML 8Page - Texas Instruments INA2128UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
INA2128
4
SBOS035A
www.ti.com
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±5, ±2.5V
Output Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
–4
–3
–2
–1
0
123
45
V
S = ±5V
V
S = ±2.5V
G = 1
G = 1
G
≥ 10
G
≥ 10
G
≥ 10
G = 1
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±15V
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
G = 1
G = 1
G
≥ 10
G
≥ 10
VD/2
+
+
VCM
VO
VD/2
Ref
–15V
+15V
+
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, unless otherwise noted.
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 1000V/V
G = 1V/V
G = 10V/V
GAIN vs FREQUENCY
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100V/V
G = 10V/V
G = 1V/V
G = 1000V/V
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 1V/V
G = 10V/V
G = 100V/V
G = 1000V/V
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 1000V/V
G = 1V/V
G = 10V/V


Similar Part No. - INA2128UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128UA BURR-BROWN-INA2128UA Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128UA TI1-INA2128UA Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128UAG4 TI1-INA2128UAG4 Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2128UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com