Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA125UAG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA125UAG4
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA125UAG4 Datasheet(HTML) 4 Page - Texas Instruments

  INA125UAG4 Datasheet HTML 1Page - Texas Instruments INA125UAG4 Datasheet HTML 2Page - Texas Instruments INA125UAG4 Datasheet HTML 3Page - Texas Instruments INA125UAG4 Datasheet HTML 4Page - Texas Instruments INA125UAG4 Datasheet HTML 5Page - Texas Instruments INA125UAG4 Datasheet HTML 6Page - Texas Instruments INA125UAG4 Datasheet HTML 7Page - Texas Instruments INA125UAG4 Datasheet HTML 8Page - Texas Instruments INA125UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
®
INA125
PIN CONFIGURATION
Top View
16-Pin DIP, SO-16
Power Supply Voltage, V+ to V– ........................................................ 36V
Input Signal Voltage ..........................................................................
±40V
Output Short Circuit ................................................................. Continuous
Operating Temperature ................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: Stresses above these ratings may cause permanent damage.
ABSOLUTE MAXIMUM RATINGS(1)
V+
SLEEP
V–
V
REFOUT
IA
REF
V
IN
V
IN
R
G
V
REF10
V
REF5
V
REF2.5
V
REFBG
V
REFCOM
Sense
V
O
R
G
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
INA125PA
16-Pin Plastic DIP
180
INA125P
16-Pin Plastic DIP
180
INA125UA
SO-16 Surface-Mount
265
INA125U
SO-16 Surface-Mount
265
NOTES: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - INA125UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125UAG4 TI1-INA125UAG4 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
More results

Similar Description - INA125UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com