Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA110KU Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA110KU
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA110KU Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA110KU Datasheet HTML 7Page - Texas Instruments INA110KU Datasheet HTML 8Page - Texas Instruments INA110KU Datasheet HTML 9Page - Texas Instruments INA110KU Datasheet HTML 10Page - Texas Instruments INA110KU Datasheet HTML 11Page - Texas Instruments INA110KU Datasheet HTML 12Page - Texas Instruments INA110KU Datasheet HTML 13Page - Texas Instruments INA110KU Datasheet HTML 14Page - Texas Instruments INA110KU Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
INA110
11
SBOS147A
www.ti.com
3
13
1
2
6
10
INA110
9
V
OUT
–15V
7
8
+15V
X10
SHC5320
In 1
In 2
In 15
In 16
1
8
FIGURE 9. Bridge Amplifier with 1Hz Low-Pass Input Filter.
FIGURE 10. AC-Coupled Differential Amplifier for
Frequencies Greater Than 0.016Hz.
X100
3
12
1
2
6
10
INA110
9
V
OUT
10M
–15V
100mV
PP
1
µF
10M
1
µF
7
8
+15V
300
3
11
1
2
6
10
INA110
9
V
OUT
75k
(1)
–15V
7
8
+15V
NOTE: (1) Larger resistors and a smaller capacitor can be used.
1µF
(1)
X500
75k
(1)
FET input allows low-pass filtering with minimal effect on DC accuracy.
V
REF
FIGURE 12. Rapid-Scanning-Rate Data Acquisition Channel
with 5
µs Settling to 0.01%.
FIGURE 13. 60Hz Input Notch Filter.
X10
3
13
1
2
6
10
INA110
9
V
OUT
–15V
5.34M
(1)
NOTE: (1) For 50Hz use 3.16M
Ω and 6.37MΩ.
2k
Ω potentiometer sets Q.
7
8
+15V
V
IN
2k
5.34M
(1)
1000pF
500pF
500pF
2.67M
(1)
FIGURE 11. Programmable-Gain Instrumentation Amplifier
(Precision Noninverting or Inverting Buffer with
Gain).
1
13
12
16
11
3
2
6
10
8
9
V
OUT
–15V
∆V
IN
X10
X100
X200
X500
Decoder/
Latch/Driver
A
0
A
1
A
2
NOTE: Use manual switch or low resistance relay.
Layout is critical (see section on Dynamic Performance).
7
+15V


Similar Part No. - INA110KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110KU BURR-BROWN-INA110KU Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA110KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com