Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA115AU Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA115AU
Description  Precision INSTRUMENTATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA115AU Datasheet(HTML) 1 Page - Texas Instruments

  INA115AU Datasheet HTML 1Page - Texas Instruments INA115AU Datasheet HTML 2Page - Texas Instruments INA115AU Datasheet HTML 3Page - Texas Instruments INA115AU Datasheet HTML 4Page - Texas Instruments INA115AU Datasheet HTML 5Page - Texas Instruments INA115AU Datasheet HTML 6Page - Texas Instruments INA115AU Datasheet HTML 7Page - Texas Instruments INA115AU Datasheet HTML 8Page - Texas Instruments INA115AU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©1992 Burr-Brown Corporation
PDS-1169B
Printed in U.S.A. October, 1993
INA115
Precision
INSTRUMENTATION AMPLIFIER
A
1
A
2
A
3
12
11
10
25k
25k
25k
25k
13
7
5
4
V
IN
V
IN
R
G
V+
V–
INA115
Ref
V
O
G = 1 +
50k
R
G
+
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
Feedback
15
14
3
2
8
V
O2
V
O1
1
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.25
µV/
°C max
q LOW INPUT BIAS CURRENT: 2nA max
q HIGH COMMON-MODE REJECTION:
115dB min
q INPUT OVER-VOLTAGE PROTECTION:
±40V
q WIDE SUPPLY RANGE:
±2.25 TO ±18V
q LOW QUIESCENT CURRENT: 3mA max
q SOL-16 SURFACE-MOUNT PACKAGE
APPLICATIONS
q SWITCHED-GAIN AMPLIFIER
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
q RTD SENSOR AMPLIFIER
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
DESCRIPTION
The INA115 is a low cost, general purpose instrumen-
tation amplifier offering excellent accuracy. Its versa-
tile three-op amp design and small size make it ideal
for a wide range of applications. Similar to the model
INA114, the INA115 provides additional connections
to the input op amps, A
1 and A2, which improve gain
accuracy in high gains and are useful in forming
switched-gain amplifiers.
A single external resistor sets any gain from 1 to
10,000. Internal input protection can withstand up to
±40V without damage.
The INA115 is laser trimmed for very low offset
voltage (50
µV), drift (0.25µV/˚C) and high common-
mode rejection (115dB at G=1000). It operates with
power supplies as low as
±2.25V, allowing use in
battery operated and single 5V supply systems. Quies-
cent current is 3mA maximum.
The INA115 is available in the SOL-16 surface-mount
package, specified for the –40
°C to +85°C tempera-
ture range.
®
INA115
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
SBOS021


Similar Part No. - INA115AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA115AU BURR-BROWN-INA115AU Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA115AU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com