Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA110KPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA110KPG4
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA110KPG4 Datasheet(HTML) 3 Page - Texas Instruments

  INA110KPG4 Datasheet HTML 1Page - Texas Instruments INA110KPG4 Datasheet HTML 2Page - Texas Instruments INA110KPG4 Datasheet HTML 3Page - Texas Instruments INA110KPG4 Datasheet HTML 4Page - Texas Instruments INA110KPG4 Datasheet HTML 5Page - Texas Instruments INA110KPG4 Datasheet HTML 6Page - Texas Instruments INA110KPG4 Datasheet HTML 7Page - Texas Instruments INA110KPG4 Datasheet HTML 8Page - Texas Instruments INA110KPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
INA110
3
SBOS147A
www.ti.com
ELECTRICAL CHARACTERISTICS
At +25
°C, ±V
CC = 15VDC, and RL = 2kΩ, unless otherwise specified.
INA110BG, SG
INA110KP, KU
INA110AG
G = 1 + [40k/(R
G + 50Ω)]
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GAIN
Range of Gain
1
800
*
*
*
*
V/V
Gain Equation(1)
**
V/V
Gain Error, DC: G = 1
0.002
0.04
*
0.02
*
*
%
G = 10
0.01
0.1
0.005
0.05
*
*
%
G = 100
0.02
0.2
0.01
0.1
*
*
%
G = 200
0.04
0.4
0.02
0.2
*
*
%
G = 500
0.1
1
0.05
0.5
*
*
%
Gain Temp. Coefficient: G = 1
±3
±20
*
±10
*
ppm/
°C
G = 10
±4
±20
±2
±10
*
ppm/
°C
G = 100
±6
±40
±3
±20
*
ppm/
°C
G = 200
±10
±60
±5
±30
*
ppm/
°C
G = 500
±25
±100
±10
±50
*
ppm/
°C
Nonlinearity, DC: G = 1
±0.001
±0.01
±0.0005 ±0.005
*
*
% of FS
G = 10
±0.002
±0.01
±0.001
±0.005
*
*
% of FS
G = 100
±0.004
±0.02
±0.002
±0.01
*
*
% of FS
G = 200
±0.006
±0.02
±0.003
±0.01
*
*
% of FS
G = 500
±0.01
±0.04
±0.005
±0.02
*
*
% of FS
OUTPUT
Voltage, RL = 2kΩ
Over Temperature
±10
±12.7
*
*
*
*
V
Current
Over Temperature
±5
±25
**
**
mA
Short-Circuit Current
±25
*
*
mA
Capacitive Load
Stability
5000
*
*
pF
INPUT OFFSET VOLTAGE(2)
Initial Offset: G, P
±(100 + ±(500 +
±(50 + ±(250 +
*
*
µV
1000/G) 5000/G)
600/G)
3000/G)
U
±(200 + ±(1000 +
µV
2000/G) 5000/G)
vs Temperature
±(2 +
±(5 +
±(1 +
±(2 +
*
µV/°C
20/G)
100/G)
10/G)
50/G)
vs Supply
VCC = ±6V to ±18V
±(4 +
±(30 +
±(2 +
±(10 +
*
*
µV/V
60/G)
300/G)
30/G)
180/G)
BIAS CURRENT
Initial Bias Current
Each Input
20
100
10
50
*
*
pA
Initial Offset Current
2
50
1
25
*
*
pA
Impedance: Differential
5x1012||6
*
*
Ω || pF
Common-Mode
2x1012||1
*
*
Ω || pF
VOLTAGE RANGE
VIN Diff. = 0V(3)
Range, Linear Response
±10
±12
*
*
V
CMR with 1k
Ω Source Imbalance:
G = 1
DC
70
90
80
100
*
*
dB
G = 10
DC
87
104
96
112
*
*
dB
G = 100
DC
100
110
106
116
*
*
dB
G = 200
DC
100
110
106
116
*
*
dB
G = 500
DC
100
110
106
116
*
*
dB
INPUT NOISE(4)
Voltage, fO = 10kHz
10
*
*
nV/
√Hz
fB = 0.1Hz to 10Hz
1
*
*
µV
PP
Current, fO = 10kHz
1.8
*
*
fA/
√Hz
OUTPUT NOISE(4)
Voltage, fO = 10kHz
65
*
*
nV/
√Hz
fB = 0.1Hz to 10Hz
8
*
*
µV
PP
DYNAMIC RESPONSE
Small Signal: G = 1
–3dB
2.5
*
*
MHz
G = 10
2.5
*
*
MHz
G = 100
470
*
*
kHz
G = 200
240
*
*
kHz
G = 500
100
*
*
kHz
Full Power
VOUT = ±10V,
G = 2 to 100
190
270
*
*
*
*
kHz
Slew Rate
G = 2 to 100
12
17
*
*
*
*
V/
µs
Settling Time:
0.1%, G = 1
VO = 20V Step
4
*
*
µs
G = 10
2
*
*
µs
G = 100
3
*
*
µs
G = 200
5
*
*
µs
G = 500
11
*
*
µs


Similar Part No. - INA110KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110KP BURR-BROWN-INA110KP Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA110KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com