Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA105KU Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA105KU
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA105KU Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA105KU Datasheet HTML 6Page - Texas Instruments INA105KU Datasheet HTML 7Page - Texas Instruments INA105KU Datasheet HTML 8Page - Texas Instruments INA105KU Datasheet HTML 9Page - Texas Instruments INA105KU Datasheet HTML 10Page - Texas Instruments INA105KU Datasheet HTML 11Page - Texas Instruments INA105KU Datasheet HTML 12Page - Texas Instruments INA105KU Datasheet HTML 13Page - Texas Instruments INA105KU Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
INA105
10
FIGURE 22. Differential Output Difference Amplifier.
5
6
3
INA105
2
V
01
1
5
6
3
INA105
2
V
01 – V02 = 2 (V2 – V1)
V
02
1
V
2
V
1
FIGURE 19. Precision Voltage-to-Current Converter with
Differential Inputs.
FIGURE 21. Isolating Current Source.
FIGURE 23. Isolating Current Source with Buffering Ampli-
fier for Greater Accuracy.
FIGURE 20. Differential Input Voltage-to-Current Converter
for Low IOUT.
5
6
3
INA105
2
1
V
1
V
2
Load
I
O = (V1 – V2) (1/25k + 1/R)
For R
200 , Figure 24 will
provide superior performance.
I
O
R
R
5
6
3
INA105
2
1
V
3
V
2
Load
I
O = (V3 – V2)/R
I
O
R
5
6
3
INA105
2
1
V
3
V
2
Load
I
O
R
R
Gate can be
+V
S –5V
I
O = (V3 – V2) (1/25k + 1/R)
R
< 200Ω
5
6
3
INA105
2
1
V
3
V
2
Load
I
O
R
Gate can be
+V
CC –5V
I
O = (V3 – V2)/R
R 200


Similar Part No. - INA105KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA105KU BURR-BROWN-INA105KU Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
More results

Similar Description - INA105KU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. E
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. F
logo
Texas Instruments
INA106 TI1-INA106 Datasheet
1Mb / 14P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Burr-Brown (TI)
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475 Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com