Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G123DCURE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G123DCURE4
Description  SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G123DCURE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LVC1G123DCURE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 9Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 10Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 11Page - Texas Instruments 74LVC1G123DCURE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 M
1 M
1 M
1 M
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
15 pF
15 pF
15 pF
15 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC1G123
SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
WITH SCHMITT-TRIGGER INPUTS
SCES586A – JULY 2004 – REVISED JUNE 2005
Figure 1. Load Circuit and Voltage Waveforms
8


Similar Part No. - 74LVC1G123DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G123DCURE4 TI1-74LVC1G123DCURE4 Datasheet
966Kb / 26P
[Old version datasheet]   Single Retriggerable Monostable Multivibrator
More results

Similar Description - 74LVC1G123DCURE4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LV221A-Q1 TI1-SN74LV221A-Q1 Datasheet
197Kb / 14P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI1-SN54LV123A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com