Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS502 Datasheet(PDF) 2 Page - Formosa MS

Part # RS502
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RS502 Datasheet(HTML) 2 Page - Formosa MS

  RS502 Datasheet HTML 1Page - Formosa MS RS502 Datasheet HTML 2Page - Formosa MS RS502 Datasheet HTML 3Page - Formosa MS RS502 Datasheet HTML 4Page - Formosa MS RS502 Datasheet HTML 5Page - Formosa MS RS502 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5.0A Single-Phase Silicon
Bridge Rectifiers- 50-1000V
Package outline
Page 2
PARAMETER
CONDITIONS
Average forward rectified current
Non-repetitive peak forward
surge current
Reverse current
2
I t Rating for fusing
TA=45°C on chassis=200 cm², See Fig.1
8.3ms single half sine-wave
superimposed on rate load
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
2
I t
A
A
uA
2
A s
5.0
250
200
5.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
500
RS501
RS502
RS503
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage @IF=5.0A
V
F
(V)
*4
RS504
RS505
400
600
280
420
-55 to +125
RS506
RS507
800
1000
560
700
50
100
200
400
600
800
1000
1.0
Dimensions in inches and (millimeters)
Bridge Rectifier
Formosa MS
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Storage temperature
T
STG
OC
+175
-65
t < 8.3 ms
312
RS-5
Features
Surge overload ratings to 250 amperes peak
Ideal for printed circuit board
Reliable low cost construction technique
High case dielectric strength
Low forward drop voltage & leakage current
Lead-free parts for green partner, meet RoHS
requirements
UL recognized file # E321971.
Suffix "-H" indicates Halogen free parts, ex. RS501-H.
Mechanical data
Case: Molded plastic RS-5 case
Epoxy: UL94-V0 rated flame retardant
Terminals: Solderable per MIL-STD-750 Method 2026
Polarity: As marked
Mounting Position: Any
Weight: Approximated 0.37 ounces, 9.8 grams
RS501 THRU RS507
Document ID
Issued Date
Revised Date
Revision
Page.
+
~
~ –
.188(4.8)x45°
1.594(40.5)
1.550(39.4)
.846(21.5)
.807(20.5)
.886(22.5)
.825(21.0)
A
B
B
C
.195(5.0)
.180(4.6)
.295(7.5)
.256(6.5)
A
.400(10.2)
.354(9.00)
B
.300(7.60)
.285(7.20)
C
.365(9.30)
.345(8.80)
.042(1.07)
.035(0.97)
TJ=25°C
TJ=150°C
200
TJ=25°C
TJ=150°C
t < 8.3 ms
Repetitive peak forward surge current
A
PK
30
A
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
DS-242125
2008/02/10
2010/03/10
B
6


Similar Part No. - RS502

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS502 DCCOM-RS502 Datasheet
239Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
RS502 GOOD-ARK-RS502 Datasheet
240Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Chongqing Pingwei Enter...
RS502 CHONGQING-RS502 Datasheet
47Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
RS502 SECOS-RS502 Datasheet
363Kb / 2P
   Silicon BridgeRectifiers
logo
Yangzhou yangjie electr...
RS502 YANGJIE-RS502 Datasheet
154Kb / 2P
   Bridge Rectifier
More results

Similar Description - RS502

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com