Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS26 Datasheet(PDF) 4 Page - Formosa MS

Part # MDS26
Description  SMD Schottky Bridge Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MDS26 Datasheet(HTML) 4 Page - Formosa MS

  MDS26 Datasheet HTML 1Page - Formosa MS MDS26 Datasheet HTML 2Page - Formosa MS MDS26 Datasheet HTML 3Page - Formosa MS MDS26 Datasheet HTML 4Page - Formosa MS MDS26 Datasheet HTML 5Page - Formosa MS MDS26 Datasheet HTML 6Page - Formosa MS MDS26 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
Simplified outline
Symbol
Marking
Type number
Marking code
MDS22
MDS22
MDS24
MDS24
MDS26
MDS26
MDS28
MDS28
MDS210
MDS210
Suggested solder pad layout
Dimensions in inches and (millimeters)
B
0.030 (0.76)
A
0.023 (0.58)
C
0.070 (1.78)
PACKAGE
TO-269AA (MDS)
Page 4
B
D
C
A
D
0.226 (5.75)
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Schottky Bridge Rectifier
MDS22 THRU MDS210
Document ID
Issued Date
Revised Date
Revision
Page.
+
~~
-
DS-241661
2009/08/10
2014/04/10
D
7


Similar Part No. - MDS26

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS2658URH VBSEMI-MDS2658URH Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - MDS26

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MDS12 FORMOSA-MDS12 Datasheet
57Kb / 7P
   SMD Schottky Bridge Rectifier
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_18 Datasheet
182Kb / 2P
   SMD Schottky Bridge Rectifier
logo
Formosa MS
MDS12L FORMOSA-MDS12L Datasheet
57Kb / 7P
   SMD Low VF Schottky Bridge Rectifier
DB101S FORMOSA-DB101S Datasheet
196Kb / 7P
   SMD Bridge Rectifier
DB151S FORMOSA-DB151S Datasheet
1Mb / 7P
   SMD bridge Rectifier
DF005S FORMOSA-DF005S Datasheet
115Kb / 7P
   SMD Bridge Rectifier
DF2005S FORMOSA-DF2005S Datasheet
117Kb / 7P
   SMD Bridge Rectifier
DF15005S FORMOSA-DF15005S Datasheet
116Kb / 7P
   SMD Bridge Rectifier
ABS2 FORMOSA-ABS2 Datasheet
1Mb / 7P
   SMD Bridge Rectifier
DB201S FORMOSA-DB201S Datasheet
1Mb / 7P
   SMD Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com