Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD20NF06 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD20NF06
Description  N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET TM II POWER MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD20NF06 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD20NF06 Datasheet HTML 5Page - STMicroelectronics STD20NF06 Datasheet HTML 6Page - STMicroelectronics STD20NF06 Datasheet HTML 7Page - STMicroelectronics STD20NF06 Datasheet HTML 8Page - STMicroelectronics STD20NF06 Datasheet HTML 9Page - STMicroelectronics STD20NF06 Datasheet HTML 10Page - STMicroelectronics STD20NF06 Datasheet HTML 11Page - STMicroelectronics STD20NF06 Datasheet HTML 12Page - STMicroelectronics STD20NF06 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STD20NF06
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
b4
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
D1
5.1
0.200
E
6.4
6.6
0.252
0.260
E1
4.7
0.185
e
2.28
0.090
e1
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L
1
0.039
(L1)
2.8
0.110
L2
0.8
0.031
L4
0.6
1
0.023
0.039
R
0.2
0.008
V2
DPAK MECHANICAL DATA
0068772-F


Similar Part No. - STD20NF06

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD20NF06 DOINGTER-STD20NF06 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
logo
Inchange Semiconductor ...
STD20NF06L ISC-STD20NF06L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
STD20NF06L UMW-STD20NF06L Datasheet
1Mb / 6P
   60V N-Channel Enhancement ModePowerMOSFET
logo
STMicroelectronics
STD20NF06L-1 STMICROELECTRONICS-STD20NF06L-1 Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
More results

Similar Description - STD20NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
STP36NF06L STMICROELECTRONICS-STP36NF06L Datasheet
436Kb / 14P
   N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET??II POWER MOSFET
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
   N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com