Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU801 Datasheet(PDF) 2 Page - Formosa MS

Part # KBU801
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KBU801 Datasheet(HTML) 2 Page - Formosa MS

  KBU801 Datasheet HTML 1Page - Formosa MS KBU801 Datasheet HTML 2Page - Formosa MS KBU801 Datasheet HTML 3Page - Formosa MS KBU801 Datasheet HTML 4Page - Formosa MS KBU801 Datasheet HTML 5Page - Formosa MS KBU801 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
KBU8005
KBU801
KBU802
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@IF=4.0A
V
F
(V)
*4
KBU804
KBU806
400
600
280
420
-55 to +125
KBU808
KBU810
800
1000
560
700
50
100
200
400
600
800
1000
1.0
Bridge Rectifier
Formosa MS
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
KBU8005 THRU KBU810
Document ID
Issued Date
Revised Date
Revision
Page.
8.0A Plastic Passivated
Single-Phase Bridge
Rectifiers-50-1000V
.
chip junctions.
Features
Plastic Passivated
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen-free part, ex.KBU8005-H.
UL recognized file # E321971
Surge overload rating 200 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, KBU
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : marked on body
Mounting Position : Any
Weight : Approximated 8.00 gram
Package outline
Dimensions in inches and (millimeters)
KBU
.935(23.70)
.895(22.70)
.70(17.8)
.66(16.8)
.780(19.8)
.740(18.8)
1.0(25.4)
Min.
.052(1.3)
.048(1.2)
.205(5.2)
.185(4.7)
.24(6.09)
.20(5.08)
.22(5.6)
.18(4.6)
.276(7.0)
.256(6.5)
.160(4.1)
.140(3.6)
.085(2.2)
.065(1.7)
-
~
~
+
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
A
A
uA
8.0
200
10
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
1000
Storage temperature
T
STG
OC
+175
-65
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
I t Rating for fusing
2
It
2
As
2
t < 8.3 ms
Typical Junction capacitance
per element
C
J
pF
166
250
Measured at 1.0MHz and applied reverse voltage
of 4.0 VDC
DS-242145
2009/08/10
2010/03/10
B
6


Similar Part No. - KBU801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU801 WTE-KBU801 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
KBU801 SAMYANG-KBU801 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
KBU801 RFE-KBU801 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
DONGGUAN YOU FENG WEI E...
KBU801 YFWDIODE-KBU801 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU801 JGD-KBU801 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU801

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com