Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7821FDWWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821FDWWR
Description  High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821FDWWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7821FDWWR Datasheet HTML 4Page - Texas Instruments ISO7821FDWWR Datasheet HTML 5Page - Texas Instruments ISO7821FDWWR Datasheet HTML 6Page - Texas Instruments ISO7821FDWWR Datasheet HTML 7Page - Texas Instruments ISO7821FDWWR Datasheet HTML 8Page - Texas Instruments ISO7821FDWWR Datasheet HTML 9Page - Texas Instruments ISO7821FDWWR Datasheet HTML 10Page - Texas Instruments ISO7821FDWWR Datasheet HTML 11Page - Texas Instruments ISO7821FDWWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
ISO7821, ISO7821F
SLLSEM2F – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7821 ISO7821F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about trdational and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7821
UNIT
DW (SOIC)
DWW (SOIC)
16 PINS
16-PINS
RθJA
Junction-to-ambient thermal resistance
84.7
84.7
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
47.3
46.0
°C/W
RθJB
Junction-to-board thermal resistance
49.4
54.5
°C/W
ψJT
Junction-to-top characterization parameter
19.1
18.5
°C/W
ψJB
Junction-to-board characterization parameter
48.8
53.8
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
°C/W
6.5 Power Dissipation Characteristics
VALUE
UNIT
PD
Maximum power dissipation by ISO7821x
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
CL = 15 pF, input a 50 MHz 50% duty cycle
square wave
100
mW
PD1
Maximum power dissipation by side-1 of
ISO7821x
50
PD2
Maximum power dissipation by side-2 of
ISO7821x
50


Similar Part No. - ISO7821FDWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LL TI1-ISO7821LL Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LL TI1-ISO7821LL Datasheet
1Mb / 33P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLDW TI1-ISO7821LLDW Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLDW TI1-ISO7821LLDW Datasheet
1Mb / 33P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLDWR TI1-ISO7821LLDWR Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
More results

Similar Description - ISO7821FDWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com