Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2132UE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA2132UE4
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2132UE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA2132UE4 Datasheet HTML 7Page - Texas Instruments INA2132UE4 Datasheet HTML 8Page - Texas Instruments INA2132UE4 Datasheet HTML 9Page - Texas Instruments INA2132UE4 Datasheet HTML 10Page - Texas Instruments INA2132UE4 Datasheet HTML 11Page - Texas Instruments INA2132UE4 Datasheet HTML 12Page - Texas Instruments INA2132UE4 Datasheet HTML 13Page - Texas Instruments INA2132UE4 Datasheet HTML 14Page - Texas Instruments INA2132UE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
INA2132U
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132U/2K5
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UA
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UA/2K5
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UA/2K5E4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
INA2132UA/2K5G4
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UAE4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UAG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UE4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
INA2132UG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2132U
A
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - INA2132UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2132U BURR-BROWN-INA2132U Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA BURR-BROWN-INA2132UA Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA2132UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com