Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO122JP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122JP
Description  Precision Lowest-Cost Isolation Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO122JP Datasheet(HTML) 4 Page - Texas Instruments

  ISO122JP Datasheet HTML 1Page - Texas Instruments ISO122JP Datasheet HTML 2Page - Texas Instruments ISO122JP Datasheet HTML 3Page - Texas Instruments ISO122JP Datasheet HTML 4Page - Texas Instruments ISO122JP Datasheet HTML 5Page - Texas Instruments ISO122JP Datasheet HTML 6Page - Texas Instruments ISO122JP Datasheet HTML 7Page - Texas Instruments ISO122JP Datasheet HTML 8Page - Texas Instruments ISO122JP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ISO122
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
±18
V
VIN
100
V
Continuous isolation voltage
1500
Vrms
Junction temperature
150
°C
Output short to common
Continuous
Storage temperature, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
–25
85
°C
+VS1
15
-VS1
–15
+VS2
15
-VS2
–15
VIN
±10
7.4 Thermal Information
ISO122
THERMAL METRIC(1)
NVF (PDIP)
DVA (SOIC)
UNIT
16 PINS
28 PINS
RθJA
Junction-to-ambient thermal resistance
51.0
79.8
RθJC(top)
Junction-to-case (top) thermal resistance
32.4
32.9
RθJB
Junction-to-board thermal resistance
29.5
42.2
°C/W
ψJT
Junction-to-top characterization parameter
10.4
6.6
ψJB
Junction-to-board characterization parameter
29.0
40.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: ISO122


Similar Part No. - ISO122JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122JP BURR-BROWN-ISO122JP Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122JP TI-ISO122JP Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO122JPE4 TI-ISO122JPE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO122JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com