Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA332AIDGK Datasheet(PDF) 11 Page - Texas Instruments

Part # INA332AIDGK
Description  INSTRUMENTATION AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA332AIDGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA332AIDGK Datasheet HTML 7Page - Texas Instruments INA332AIDGK Datasheet HTML 8Page - Texas Instruments INA332AIDGK Datasheet HTML 9Page - Texas Instruments INA332AIDGK Datasheet HTML 10Page - Texas Instruments INA332AIDGK Datasheet HTML 11Page - Texas Instruments INA332AIDGK Datasheet HTML 12Page - Texas Instruments INA332AIDGK Datasheet HTML 13Page - Texas Instruments INA332AIDGK Datasheet HTML 14Page - Texas Instruments INA332AIDGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
INA332, INA2332
11
SBOS216B
www.ti.com
SHUTDOWN MODE
The shutdown pin of the INA332 is nominally connected to V+.
When the pin is pulled below 0.8V on a 5V supply, the INA332
goes into sleep mode within nanoseconds. For actual shut-
down threshold, see typical characteristic curve,
Shutdown
Voltage vs Supply Voltage. Drawing less than 2
µA of current,
and returning from sleep mode in microseconds, the shutdown
feature is useful for portable applications. Once in sleep mode,
the amplifier has high output impedance, making the INA332
suitable for multiplexing.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output for gains of 10 or greater.
For resistive loads greater than 10k
Ω, the output voltage can
swing to within 25mV of the supply rail while maintaining low
gain error. For heavier loads and over temperature, see the
typical characteristic curve,
Output Voltage Swing vs Output
Current. The INA332’s low output impedance at high frequen-
cies makes it suitable for directly driving Capacitive-Input
A/D converters, as shown in Figure 4.
FIGURE 4. INA332 Directly Drives Capacitive-Input, High-
Speed A/D Converter.
OUTPUT BUFFERING
The INA332 is optimized for a load impedance of 10k
Ω or
greater. For higher output current the INA332 can be buff-
ered using the OPA340, as shown in Figure 5. The OPA340
can swing within 50mV of the supply rail, driving a 600
Ω load.
The OPA340 is available in the tiny MSOP-8 package.
OFFSET TRIMMING
The INA332 is laser trimmed for low offset voltage. In the
event that external offset adjustment is required, the offset
can be adjusted by applying a correction voltage to the
reference terminal. Figure 6 shows an optional circuit for
trimming offset voltage. The voltage applied to the REF
terminal is added to the output signal. The gain from REF to
VOUT is +1. An op amp buffer is used to provide low
impedance at the REF terminal to preserve good common-
mode rejection.
FIGURE 7. Sample Output Buffering Circuit.
INPUT PROTECTION
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
500mV. Momentary voltages greater than 500mV beyond
the power supply can be tolerated if the current through the
input pins is limited to 10mA. This is easily accomplished with
input resistor RLIM, as shown in Figure 7. Many input signals
are inherently current-limited to less than 10mA; therefore, a
limiting resistor is not required.
FIGURE 5. Output Buffering Circuit. Able to drive loads as
low as 600
Ω.
FIGURE 6. Optional Offset Trimming Voltage.
ADS7818
or
ADS7822
12-Bits
+5V
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF
f
S < 100kHz
OPA340
V
OUT
+5V
0.1
µF
0.1
µF
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF
OPA336
Adjustable
Voltage
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF(1)
NOTE: (1) REF should be adjusted for the desired output level.
The value of REF affects the common-mode input range.
R
LIM
R
LIM
I
OVERLOAD
10mA max
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF


Similar Part No. - INA332AIDGK

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA332AIDGKR BURR-BROWN-INA332AIDGKR Datasheet
292Kb / 17P
   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA332AIDGKT BURR-BROWN-INA332AIDGKT Datasheet
292Kb / 17P
   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA332AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com