Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA270A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA270A-Q1
Description  Voltage Output Current Sense Amplifier With Simplified Filter Inputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA270A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  INA270A-Q1 Datasheet HTML 1Page - Texas Instruments INA270A-Q1 Datasheet HTML 2Page - Texas Instruments INA270A-Q1 Datasheet HTML 3Page - Texas Instruments INA270A-Q1 Datasheet HTML 4Page - Texas Instruments INA270A-Q1 Datasheet HTML 5Page - Texas Instruments INA270A-Q1 Datasheet HTML 6Page - Texas Instruments INA270A-Q1 Datasheet HTML 7Page - Texas Instruments INA270A-Q1 Datasheet HTML 8Page - Texas Instruments INA270A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
IN±
8
IN+
2
GND
7
NC
3
PRE OUT
6
V
4
BUF IN
5
OUT
(1)
S
3
INA270A-Q1, INA271A-Q1
www.ti.com
SBOS401C – JULY 2007 – REVISED APRIL 2016
Product Folder Links: INA270A-Q1 INA271A-Q1
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
GAIN
INA270A-Q1
14 V/V
INA271A-Q1
20 V/V
(1)
A = Analog, AI = Analog input, AO = Analog output
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
(1)
NC – No internal connection
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BUF IN
4
AI
Buffer Input. Connect to output of filter from PRE OUT
GND
2
A
Ground
IN–
1
AI
Negative input. Connect to load side of shunt resistor.
IN+
8
AI
Positive input. Connect to supply side of shunt resistor.
NC
7
Not internally connected. Connect to ground.
PRE OUT
3
AO
Pre Amplifier Output. Connect to input of filter to BUF IN.
OUT
5
AO
Output
VS
6
AI
Power supply, 2.7 V to 18 V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Supply voltage
18
V
VSENSE
Differential analog input voltage range (VIN+ – VIN–)
–18
18
V
VCM
Common-mode analog input voltage range (VIN+ + VIN–)/2
–16
80
V
VO
Analog output voltage range (OUT and PRE OUT)
(GND – 0.3)
(VS) + 0.3
V
II
Input current (any pin)
5
mA
TJ
Maximum junction temperature
150
°C
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
150
°C


Similar Part No. - INA270A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
More results

Similar Description - INA270A-Q1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
   High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com