Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA260AIPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA260AIPWR
Description  Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA260AIPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA260AIPWR Datasheet HTML 4Page - Texas Instruments INA260AIPWR Datasheet HTML 5Page - Texas Instruments INA260AIPWR Datasheet HTML 6Page - Texas Instruments INA260AIPWR Datasheet HTML 7Page - Texas Instruments INA260AIPWR Datasheet HTML 8Page - Texas Instruments INA260AIPWR Datasheet HTML 9Page - Texas Instruments INA260AIPWR Datasheet HTML 10Page - Texas Instruments INA260AIPWR Datasheet HTML 11Page - Texas Instruments INA260AIPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
u
Power Register
Current Register
Voltage Register
Alert Register
I
2C or SMBus
Compatible
Interface
VBUS
ADC
V
I
A0
A1
Alert
SDA
SCL
VS
IN+
GND
IN-
8
INA260
SBOS656A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA260 is an integrated shunt digital current sense amplifier with an I2C- and SMBus-compatible interface. It
provides digital current, voltage, and power readings necessary for accurate decision-making in precisely-
controlled systems. Programmable registers allow flexible configuration for measurement resolution as well as
continuous-versus-triggered operation. Detailed register information appears at the end of this data sheet,
beginning with Table 4. See the Functional Block Diagram section for a block diagram of the INA260 device.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Integrated Shunt Resistor
The INA260 features a precise, low-drift, current-sensing resistor to allow for precision measurements over the
entire specified temperature range of –40°C to 125°C. The integrated current-sensing resistor ensures
measurement stability over temperature as well as improving layout and board constraint difficulties common in
high precision measurements.
The onboard current-sensing resistor is designed as a 4-wire (or Kelvin) connected resistor that enables accurate
measurements through a force-sense connection. The Kelvin connections to the shunt are done internally
eliminating many of the parasitic impedances commonly found in typical very-low sensing-resistor level
measurements. Although the shunt resistor can be accessed via the IN+ and IN– pins, this resistor is not
intended to be used as a stand-alone component. The INA260 is internally calibrated to ensure that the current-
sensing resistor and current-sensing amplifier are both precisely matched to one another. To achieve the
optimized system gain specification, the onboard sensing resistor must be used with the internal current-sensing
amplifier.
The INA260 has approximately 4.5 mΩ of total resistance between the IN+ and IN- pins. 2 mΩ of this total
package resistance is a precisely-controlled resistance from the Kelvin-connected current-sensing resistor used
by the amplifier. The power dissipation requirements of the system and package are based on the total 4.5-mΩ
package resistance. The heat dissipated across the package when current flows through the device ultimately
determines the maximum current that can be safely handled by the package. The current consumption of the
silicon is relatively low, leaving the total package resistance carrying the high load current as the primary
contributor to the total power dissipation of the package. The maximum safe-operating current level is set to
ensure that the heat dissipated across the package is limited so that no damage to the resistor or the package
itself occurs or that the internal junction temperature of the silicon does not exceed a 150°C limit.


Similar Part No. - INA260AIPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200 Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA260AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
[Old version datasheet]   INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com