Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA270A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA270A-Q1
Description  Voltage Output Current Sense Amplifier With Simplified Filter Inputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA270A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  INA270A-Q1_16 Datasheet HTML 1Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 2Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 3Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 4Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 5Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 6Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 7Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 8Page - Texas Instruments INA270A-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
INA270A-Q1, INA271A-Q1
SBOS401C – JULY 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA270A-Q1 INA271A-Q1
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
2000
V
Machine Model (MM)
100
Charged-device model (CDM), per AEC Q100-011
1000
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VS
Supply voltage
2.7
5
18
V
VCM
Common mode input
–16
12
80
V
TA
Operating free-air temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
INA27xA-Q1
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
78.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
71.6
°C/W
RθJB
Junction-to-board thermal resistance
68.2
°C/W
ψJT
Junction-to-top characterization parameter
22
°C/W
ψJB
Junction-to-board characterization parameter
67.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
RTI = referred to input
(2)
Initial resistor variation is ±30% with an additional –2200-ppm/°C temperature coefficient.
7.5 Electrical Characteristics
TA = 25°C, VS = 5 V, VCM = 12 V, VSENSE = 100 mV, PRE OUT connected to BUF IN (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input
VSENSE
Full-scale input voltage
VSENSE = VIN+ - VIN–
0.15
(VS – 0.2)/
Gain
V
VCM
Common-mode input voltage
TA = –40°C to +125°C
–16
80
V
CMRR
Common-mode rejection
VIN+ = –16 V to +80 V
80
120
dB
VIN+ = 12 V to 80 V,
TA = –40°C to +125°C
100
120
VOS
Offset voltage, RTI(1)
±0.5
2.5
mV
TA = –40°C to +125°C
±3
dVOS/dT
Input offset voltage
temperature coefficient
TA = –40°C to +125°C
2.5
20
μV/°C
PSR
Offset voltage power-supply
rejection
VS = 2.7 V to 18 V, VCM = 18 V, TA = –40°C
to +125°C
5
100
μV/V
IIB
Input bias current
IN– pin, TA = –40°C to +125°C full range
±8
±16
μA
ZO
Output impedance(2)
PRE OUT pin
96
k
Buffer input bias current
–50
nA
Buffer input bias current
temperature coefficient
±0.3
nA/°C


Similar Part No. - INA270A-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
More results

Similar Description - INA270A-Q1_16

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
   High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com