Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA220-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA220-Q1
Description  Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA220-Q1 Datasheet HTML 4Page - Texas Instruments INA220-Q1 Datasheet HTML 5Page - Texas Instruments INA220-Q1 Datasheet HTML 6Page - Texas Instruments INA220-Q1 Datasheet HTML 7Page - Texas Instruments INA220-Q1 Datasheet HTML 8Page - Texas Instruments INA220-Q1 Datasheet HTML 9Page - Texas Instruments INA220-Q1 Datasheet HTML 10Page - Texas Instruments INA220-Q1 Datasheet HTML 11Page - Texas Instruments INA220-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
5
4
3
2
1
0
1
2
3
4
5
-
-
-
-
-
0
1
2
3
4
5
24
25
26
V
(V)
BUS
5V Error
-
3.3V Error
-
5V+Error
3.3V+Error
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCLFrequency(Hz)
V =5V
S
V =3V
S
-50
-25
0
25
50
75
100
Temperature( C)
°
125
16
14
12
10
8
6
4
2
0
V =5V
S
V =3V
S
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1k
10k
100k
1M
10M
SCLFrequency(Hz)
V =5V
S
V =
S
3V
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
0
5
10
15
20
25
V
Voltage (V)
IN-
30
V = 5 V
S
V
5 V
S =
V = 3 V
S
V
3 V
S =
V =3V
S
V =5V
S
-50
-25
0
25
50
75
100
Temperature( C)
°
125
1.2
1.0
0.8
0.6
0.4
0.2
0
8
INA220-Q1
SLOS785B – JUNE 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA220-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, PGA = /1, and BRNG = 1, unless otherwise noted.
Figure 7. Input Currents With Large Differential Voltages
(VIN+ at 12 V, Sweep Of VIN–)
Figure 8. Active IQ vs Temperature
Figure 9. Shutdown IQ vs Temperature
Figure 10. Active IQ vs Clock Frequency
Figure 11. Total Percent Bus Voltage Error
vs Supply Voltage
Figure 12. Shutdown IQ vs Clock Frequency


Similar Part No. - INA220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI-INA220 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI1-INA220 Datasheet
1Mb / 36P
[Old version datasheet]   High- or Low-Side, Bidirectional Current and Power Monitor
INA220 TI1-INA220 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
More results

Similar Description - INA220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226-Q1 TI-INA226-Q1_15 Datasheet
996Kb / 38P
[Old version datasheet]   INA226-Q1 Automotive Grade, 36-V, Bi-Directional, Zero-Drift, High Accuracy, Low- orHigh-Side, I2C Compatible Current/Power Monitor with Programmable Over-Current Alert
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
Texas Instruments
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com