Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5FN5.0C Datasheet(PDF) 6 Page - Formosa MS

Part # ESD5FN5.0C
Description  Chip Transient Voltage Suppressor ESD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD5FN5.0C Datasheet(HTML) 6 Page - Formosa MS

  ESD5FN5.0C Datasheet HTML 1Page - Formosa MS ESD5FN5.0C Datasheet HTML 2Page - Formosa MS ESD5FN5.0C Datasheet HTML 3Page - Formosa MS ESD5FN5.0C Datasheet HTML 4Page - Formosa MS ESD5FN5.0C Datasheet HTML 5Page - Formosa MS ESD5FN5.0C Datasheet HTML 6Page - Formosa MS ESD5FN5.0C Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Formosa MS
Page 6
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
ESD5FN5.0C
H
H
unit:mm
Note:Devices are packed in accor dance with EIA standar 481-D and specifications listed above.
Item
Tolerance
0603
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.05
0.1
min
min
0.5
0.1
0.1
1.0
0.1
0.1
0.1
0.1
0.1
0.05
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
1.00
1.80
0.65
Chip Transient Voltage Suppressor ESD
2012/05/08
G
7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121857
2015/12/11


Similar Part No. - ESD5FN5.0C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ESD5FN5.0 FORMOSA-ESD5FN5.0 Datasheet
56Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results

Similar Description - ESD5FN5.0C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ESD5FN5.0 FORMOSA-ESD5FN5.0 Datasheet
56Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN12C FORMOSA-ESD5FN12C Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3 FORMOSA-ESD9FN3.3 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN5.0C FORMOSA-ESD9FN5.0C Datasheet
58Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3C FORMOSA-ESD9FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN12C FORMOSA-ESD9FN12C Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN12 FORMOSA-ESD5FN12 Datasheet
71Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN3.3 FORMOSA-ESD5FN3.3 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN24C FORMOSA-ESD5FN24C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com