Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZMC3V9 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # TZMC3V9
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

TZMC3V9 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  TZMC3V9 Datasheet HTML 1Page - EIC discrete Semiconductors TZMC3V9 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C unless otherwise noted)
Maximum Zener
Maximum Reverse
Temp. coefficient
Type
Impedance
Leakage Current
of Zener Voltage
Nom
IZT
VZT
ZZT @ IZT ZZk @ IZK
IZK
IR
IR
(2)
at VR
(V)
(mA)
(V)
(1)
(
Ω)(Ω)
(mA)
(
µA)(µA)
(V)
TZMC2V4
2.4
5
2.28 to 2.56
< 85
< 6001
< 50
< 100
1
-0.09...-0.06
TZMC2V7
2.7
5
2.5 to 2.9
< 85
< 6001
< 10
< 50
1
-0.09...-0.06
TZMC3V0
3.0
5
2.8 to 3.2
< 90
< 6001
< 4
< 40
1
-0.08...-0.05
TZMC3V3
3.3
5
3.1 to 3.5
< 90
< 6001
< 2
< 40
1
-0.08...-0.05
TZMC3V6
3.6
5
3.4 to 3.8
< 90
< 6001
< 2
< 40
1
-0.08...-0.05
TZMC3V9
3.9
5
3.7 to 4.1
< 90
< 6001
< 2
< 40
1
-0.08...-0.05
TZMC4V3
4.3
5
4.0 to 4.6
< 90
< 6001
< 1
< 20
1
-0.06...-0.03
TZMC4V7
4.7
5
4.4 to 5.0
< 80
< 6001
< 0.5
< 10
1
-0.05...-0.02
TZMC5V1
5.1
5
4.8 to 5.4
< 60
< 5501
< 0.1
< 2
1
-0.02...+0.02
TZMC5V6
5.6
5
5.2 to6.0
< 40
< 4501
< 0.1
< 2
1
-0.05...+0.05
TZMC6V2
6.2
5
5.8 to 6.6
< 10
< 2001
< 0.1
< 2
2
-0.03...+0.06
TZMC6V8
6.8
5
6.4 to 7.2
< 8
< 1501
< 0.1
< 2
3
0.03...0.07
TZMC7V5
7.5
5
7.0 to 7.9
< 7
< 501
< 0.1
< 2
5
0.03...0.07
TZMC8V2
8.2
5
7.7 to8.7
< 7
< 501
< 0.1
< 2
6.2
0.03...0.08
TZMC9V1
9.1
5
8.5 to 9.6
< 10
< 501
< 0.1
< 2
6.8
0.03...0.09
TZMC10
10
5
9.4 to 10.6
< 15
< 70
1
< 0.1
< 2
7.5
0.03...0.10
TZMC11
11
5
10.4 to 11.6
< 20
< 70
1
< 0.1
< 2
8.2
0.03...0.11
TZMC12
12
5
11.4 to 12.7
< 20
< 901
< 0.1
< 2
9.1
0.03...0.11
TZMC13
13
5
12.4 to 14.1
< 26
< 110
1
< 0.1
< 2
10
0.03...0.11
TZMC15
15
5
13.8 to 15.6
< 30
< 110
1
< 0.1
< 2
11
0.03...0.11
TZMC16
16
5
15.3 to 17.1
< 40
< 170
1
< 0.1
< 2
12
0.03...0.11
TZMC18
18
5
16.8 to 19.1
< 50
< 170
1
< 0.1
< 2
13
0.03...0.11
TZMC20
20
5
18.8 to 21.2
< 55
< 220
1
< 0.1
< 2
15
0.03...0.11
TZMC22
22
5
20.8 to 23.3
< 55
< 220
1
< 0.1
< 2
16
0.04...0.12
TZMC24
24
5
22.8 to 25.6
< 80
< 220
1
< 0.1
< 2
18
0.04...0.12
TZMC27
27
5
25.1 to 28.9
< 80
< 220
1
< 0.1
< 2
20
0.04...0.12
TZMC30
30
5
28 to 32
< 80
< 220
1
< 0.1
< 2
22
0.04...0.12
TZMC33
33
5
31 to 35
< 80
< 220
1
< 0.1
< 2
24
0.04...0.12
TZMC36
36
5
34 to 38
< 80
< 220
1
< 0.1
< 2
27
0.04...0.12
TZMC39
39
2.5
37 to 41
< 90
< 500
1
< 0.1
< 5
30
0.04...0.12
TZMC43
43
2.5
40 to 46
< 90
< 600
0.5
< 0.1
< 5
33
0.04...0.12
TZMC47
47
2.5
44 to 50
< 110
< 700
0.5
< 0.1
< 5
36
0.04...0.12
TZMC51
51
2.5
48 to 54
< 125
< 700
0.5
< 0.1
< 10
39
0.04...0.12
TZMC56
56
2.5
52 to 60
< 135
< 1000
0.5
< 0.1
< 10
43
0.04...0.12
TZMC62
62
2.5
58 to 66
< 150
< 1000
0.5
< 0.1
< 10
47
0.04...0.12
TZMC68
68
2.5
64 to 72
< 200
< 1000
0.5
< 0.1
< 10
51
0.04...0.12
TZMC75
75
2.5
70 to 79
< 250
< 1500
0.5
< 0.1
< 10
56
0.04...0.12
Notes : 1) Tighter tolerances available on request:
TZMA…
± 1% of VZnom
TZMB…
± 2% of VZnom
TZMF…
± 3% of VZnom
2) at Tj = 150 ºC
Page 2 of 2
Rev. 01 : June 10, 2005
α
vz(% / Κ)
Zener Voltage
VZ @ IZT


Similar Part No. - TZMC3V9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZMC3V9 VISHAY-TZMC3V9 Datasheet
76Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZMC3V9 VISHAY-TZMC3V9 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
logo
TAITRON Components Inco...
TZMC3V9 TAITRON-TZMC3V9 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZMC3V9 VISHAY-TZMC3V9 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
TZMC3V9 VISHAY-TZMC3V9 Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
More results

Similar Description - TZMC3V9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com