Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6D0110 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S6D0110
Description  132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6D0110 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S6D0110 Datasheet HTML 6Page - Samsung semiconductor S6D0110 Datasheet HTML 7Page - Samsung semiconductor S6D0110 Datasheet HTML 8Page - Samsung semiconductor S6D0110 Datasheet HTML 9Page - Samsung semiconductor S6D0110 Datasheet HTML 10Page - Samsung semiconductor S6D0110 Datasheet HTML 11Page - Samsung semiconductor S6D0110 Datasheet HTML 12Page - Samsung semiconductor S6D0110 Datasheet HTML 13Page - Samsung semiconductor S6D0110 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
132 RGB SOURCE & 176 GATE DRIVER WITH INTERNAL RAM FOR 65K COLORS TFT-LCD
S6D0110
Preliminary
10
PAD CENTER COORDINATES
Table 2. Pad Center Coordinates
[Unit: um]
NO. PAD name
X
Y
NO. PAD name
X
Y
NO. PAD name
X
Y
NO. PAD name
X
Y
1
DUMMY<1>
-9360
-1356
61
DB<11>
-3200
-1356
121
EQ
1600
-1356
181
VGOFF
6400
-1356
2
VCOMOUT
-9280
-1356
62
DB<10>
-3120
-1356
122
DISPTMG
1680
-1356
182
VGOFFOUT
6480
-1356
3
VCOMOUT
-9200
-1356
63
DB<9>
-3040
-1356
123
TEST
1760
-1356
183
VGOFFOUT
6560
-1356
4
CONTACT1
-9120
-1356
64
DB<8>
-2960
-1356
124
VGS
1840
-1356
184
VGOFFH
6640
-1356
5
CONTACT2
-9040
-1356
65
DUMMY<9>
-2880
-1356
125
VGS
1920
-1356
185
VGOFFH
6720
-1356
6
RESETB1
-8960
-1356
66
VSSO
-2800
-1356
126
VGS
2000
-1356
186
VGOFFL
6800
-1356
7
DUMMY<2>
-8880
-1356
67
DB<7>
-2720
-1356
127
VGS
2080
-1356
187
VGOFFL
6880
-1356
8
DUMMY<3>
-8280
-1356
68
DB<6>
-2640
-1356
128
VGS
2160
-1356
188
VREG2
6960
-1356
9
DUMMY<4>
-7780
-1356
69
DB<5>
-2560
-1356
129
VGS
2240
-1356
189
VREG2
7040
-1356
10
DUMMY<5>
-7280
-1356
70
DB<4>
-2480
-1356
130
VSS
2320
-1356
190
VREG2OUT
7120
-1356
11
VGH
-7200
-1356
71
DB<3>
-2400
-1356
131
VSS
2400
-1356
191
VREG2OUT
7200
-1356
12
VGH
-7120
-1356
72
DB<2>
-2320
-1356
132
VSS
2480
-1356
192 DUMMY<14>
7280
-1356
13
VCI3
-7040
-1356
73
DB1/SDO
-2240
-1356
133
VSS
2560
-1356
193 DUMMY<15>
7780
-1356
14
VCI3
-6960
-1356
74
DB0/SDI
-2160
-1356
134
VSS
2640
-1356
194 DUMMY<16>
8280
-1356
15
C23+
-6880
-1356
75 DUMMY<10>
-2080
-1356
135
VSS
2720
-1356
195 DUMMY<17>
8880
-1356
16
C23+
-6800
-1356
76
VSSO
-2000
-1356
136
VSS
2800
-1356
196
RESETB3
8960
-1356
17
C23-
-6720
-1356
77
R/W
-1920
-1356
137
VSS
2880
-1356
197 DUMMY<18>
9040
-1356
18
C23-
-6640
-1356
78
E
-1840
-1356
138
VSS
2960
-1356
198 DUMMY<19>
9120
-1356
19
C22+
-6560
-1356
79
RS
-1760
-1356
139
VCOML
3040
-1356
199
VCOMOUT
9200
-1356
20
C22+
-6480
-1356
80
CSB
-1680
-1356
140
VCOML
3120
-1356
200
VCOMOUT
9280
-1356
21
C22-
-6400
-1356
81 DUMMY<11>
-1600
-1356
141 DUMMY<12>
3200
-1356
201 DUMMY<20>
9360
-1356
22
C22-
-6320
-1356
82
VSSO
-1520
-1356
142 DUMMY<13>
3280
-1356
202 DUMMY<21>
9720
-1078
23
C21+
-6240
-1356
83
AVSS
-1440
-1356
143
VCOMR
3360
-1356
203 DUMMY<22>
9610
-1040
24
C21+
-6160
-1356
84
AVSS
-1360
-1356
144
VREG1OUT
3440
-1356
204
G<2>
9720
-1002
25
C21-
-6080
-1356
85
AVSS
-1280
-1356
145
VREG1
3520
-1356
205
G<4>
9610
-964
26
C21-
-6000
-1356
86
AVSS
-1200
-1356
146
GVDD
3600
-1356
206
G<6>
9720
-926
27
C41+
-5920
-1356
87
AVSS
-1120
-1356
147
GVDD
3680
-1356
207
G<8>
9610
-888
28
C41+
-5840
-1356
88
AVSS
-1040
-1356
148
GVDD
3760
-1356
208
G<10>
9720
-850
29
C41-
-5760
-1356
89
AVSS
-960
-1356
149
GVDD
3840
-1356
209
G<12>
9610
-812
30
C41-
-5680
-1356
90
AVSS
-880
-1356
150
VCOMH
3920
-1356
210
G<14>
9720
-774
31
C31+
-5600
-1356
91
VSS*
-800
-1356
151
VCL
4000
-1356
211
G<16>
9610
-736
32
C31+
-5520
-1356
92
VSS
-720
-1356
152
VCL
4080
-1356
212
G<18>
9720
-698
33
C31-
-5440
-1356
93
VSS
-640
-1356
153
VCI1
4160
-1356
213
G<20>
9610
-660
34
C31-
-5360
-1356
94
VSS
-560
-1356
154
VCI1
4240
-1356
214
G<22>
9720
-622
35
VGL
-5280
-1356
95
VSS
-480
-1356
155
VCI1
4320
-1356
215
G<24>
9610
-584
36
VGL
-5200
-1356
96
VSS
-400
-1356
156
VCI1
4400
-1356
216
G<26>
9720
-546
37
VGL
-5120
-1356
97
VDD3*
-320
-1356
157
REGP
4480
-1356
217
G<28>
9610
-508
38
VGL
-5040
-1356
98
VDD3
-240
-1356
158
REGN
4560
-1356
218
G<30>
9720
-470
39
CGND
-4960
-1356
99
VDD3
-160
-1356
159
VCI2
4640
-1356
219
G<32>
9610
-432
40
CGND
-4880
-1356
100
VDD3
-80
-1356
160
AVDD
4720
-1356
220
G<34>
9720
-394
41
CGND
-4800
-1356
101
RDVDD
0
-1356
161
AVDD
4800
-1356
221
G<36>
9610
-356
42
VDD3O
-4720
-1356
102
RDVDD
80
-1356
162
VCI3
4880
-1356
222
G<38>
9720
-318
43
IM<0>
-4640
-1356
103
RDVDD
160
-1356
163
VCI3
4960
-1356
223
G<40>
9610
-280
44
VSSO
-4560
-1356
104
RDVDD
240
-1356
164
C11-
5040
-1356
224
G<42>
9720
-242
45
IM<1>
-4480
-1356
105
VDD
320
-1356
165
C11-
5120
-1356
225
G<44>
9610
-204
46
VDD3O
-4400
-1356
106
VDD
400
-1356
166
C11-
5200
-1356
226
G<46>
9720
-166
47
IM<2>
-4320
-1356
107
VDD
480
-1356
167
C11-
5280
-1356
227
G<48>
9610
-128
48
VDD3O
-4240
-1356
108
VDD
560
-1356
168
C11+
5360
-1356
228
G<50>
9720
-90
49
DUMMY<6>
-4160
-1356
109
VBS
640
-1356
169
C11+
5440
-1356
229
G<52>
9610
-52
50
VSSO
-4080
-1356
110
VCI
720
-1356
170
C11+
5520
-1356
230
G<54>
9720
-14
51
PREGB
-4000
-1356
111
VCI
800
-1356
171
C11+
5600
-1356
231
G<56>
9610
24
52
VDD3O
-3920
-1356
112
VCI
880
-1356
172
C12-
5680
-1356
232
G<58>
9720
62
53
RESETB2
-3840
-1356
113
VCI
960
-1356
173
C12-
5760
-1356
233
G<60>
9610
100
54
VSSO
-3760
-1356
114
VCI
1040
-1356
174
C12-
5840
-1356
234
G<62>
9720
138
55
DUMMY<7>
-3680
-1356
115
VCI4
1120
-1356
175
C12-
5920
-1356
235
G<64>
9610
176
56
DUMMY<8>
-3600
-1356
116
OSC1
1200
-1356
176
C12+
6000
-1356
236
G<66>
9720
214
57
DB<15>
-3520
-1356
117
OSC2
1280
-1356
177
C12+
6080
-1356
237
G<68>
9610
252
58
DB<14>
-3440
-1356
118
CL1
1360
-1356
178
C12+
6160
-1356
238
G<70>
9720
290
59
DB<13>
-3360
-1356
119
M
1440
-1356
179
C12+
6240
-1356
239
G<72>
9610
328
60
DB<12>
-3280
-1356
120
FLM
1520
-1356
180
VGOFF
6320
-1356
240
G<74>
9720
366
Notes: No. 91 & 92, No.97 & 98 PAD must be short by external wiring.


Similar Part No. - S6D0110

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0114 SAMSUNG-S6D0114 Datasheet
1Mb / 143P
   132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
More results

Similar Description - S6D0110

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0114 SAMSUNG-S6D0114 Datasheet
1Mb / 143P
   132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
logo
Hitachi Semiconductor
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Rohm
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
logo
Renesas Technology Corp
PD161643 RENESAS-PD161643_15 Datasheet
228Kb / 18P
   176-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD161643 NEC-UPD161643 Datasheet
93Kb / 15P
   176-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Novatek Microelectronic...
NT35510 NOVATEK-NT35510 Datasheet
5Mb / 211P
   One-chip Driver IC with internal GRAM for 16.7M colors 480RGB x 864 a-Si TFT LCD with CPU / RGB / MIPI / MDDI Interface
Version 0.00
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
List of Unclassifed Man...
ILI9488 ETC1-ILI9488 Datasheet
10Mb / 343P
   a-Si TFT LCD Single Chip Driver 320(RGB) x 480 Resolution, 16.7M-color With Internal GRAM
ILI9806E ETC-ILI9806E Datasheet
7Mb / 328P
   a-Si TFT LCD Single-Chip Driver 480(RGB)x864 Resolution, 16.7M-color Without internal GRAM
V097-20140324
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com