Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFM304 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # HFM304
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

HFM304 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  HFM304 Datasheet HTML 1Page - SUNMATE electronic Co., LTD HFM304 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HFM301
HFM302 HFM303
HFM304 HFM305
HFM306
HFM307
HFM308
HFM301 - HFM308
CURRENT: 3.0 A
= 3.0A
17
1.85
5.0
150
3.0
1.3
210
300
700
50
75
50
1000
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
R(RMS)
Average Rectified Output Current
@TL
O
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
rr
Typical Junction Capacitance (Note 2)
C
j
JL
j,
TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Characteristic
Symbol
50
100
200
400
600
800
35
70
140
280
420
560
1.0
50
-50 to +150
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
3. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
RMS Reverse Voltage
V
= 55°C
I
V
Reverse Recovery Time (Note 1)
t
Typical Thermal Resistance (Note 3)
R
Operating and Storage Temperature Range
T
µA
Unit
V
V
A
V
nS
pF
°C/W
°C
A
VOLTAGE RANGE: 50 - 1000V
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
Ideally Suited for Automatic Assembly
Ultra-Fast Recovery Time
Classification Rating 94V-O
Low Power Loss
Features
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMC/DO-214AB
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.21 grams (approx.)
Mechanical Data
1 of 2
www.sunmate.tw


Similar Part No. - HFM304

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM304 RECTRON-HFM304 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
HFM304 FORMOSA-HFM304 Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
Leshan Radio Company
HFM304 LRC-HFM304 Datasheet
204Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
List of Unclassifed Man...
HFM304 ETC2-HFM304 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
HFM304 WINNERJOIN-HFM304 Datasheet
126Kb / 2P
   Ultra fast recovery type
More results

Similar Description - HFM304

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
HFM101 SUNMATE-HFM101 Datasheet
355Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
EC8FS6 SUNMATE-EC8FS6 Datasheet
331Kb / 1P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HS3AB SUNMATE-HS3AB Datasheet
450Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM201 SUNMATE-HFM201 Datasheet
441Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
SOD1H1 SUNMATE-SOD1H1 Datasheet
501Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM501 SUNMATE-HFM501 Datasheet
422Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US3A YIXIN-US3A Datasheet
156Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com