Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU6D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GBU6D
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GBU6D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GBU6D Datasheet HTML 1Page - SUNMATE electronic Co., LTD GBU6D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 6.0 A
!
!
!
!
!
Ideal for Printed Circuit Boards
! Case: Molded Plastic
!
MIL-STD-202, Method 208
! Polarity: As Marked on Body
!
! Mounting Position: Any
! Marking: Type Number
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
R(RMS)
35
70
140
280
420
560
V
Average Rectified Output Current
@TC
O
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
175
A
I2
2t
127
A2s
Forward Voltage (per element)
@IF
FM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
5.0
500
µA
JA
8.6
K/W
JC
3.1
K/W
j,
TSTG
-55 to +150
°C
Note: 1. Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length with 12mm2 copper pads.
2. Thermal resistance junction to case, mounted on 6.5 x 3.5 x 0.15cm thick AL plate.
Glass Passivated Die Construction
Low Forward Voltage Drop
High Current Capability
High Reliability
High Surge Current Capability
Terminals: Plated Leads Solderable per
Weight: 4.0 grams (approx.)
Features
Mechanical Data
!
VOLTAGE RANGE: 50 - 8 00V
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU6A-GBU6K
1 of 2
www.sunmate.tw
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
GBU
.085(2.16)
.100(2.54)
_
~~
+
.160(4.1)
.140(3.5)
+
+
.310(7.9)
.290(7.4)
.085(2.16)
.065(1.65)
.165(4.2)
.185(4.7)
.933(23.7)
.894(22.7)
.075(1.9)R.TYP.
.018(.46)
.022(.56)
.075(1.90)
.085(2.18)
.140(3.56)
.130(3.30)
45
0
.060(1.52)
.080(2.03)
.190(4.83)
.210(5.33)
.050(1.27)
.040(1.02)
.740(18.8)
.720(18.3)
.690(17.5)
.710(18)
Characteristic
Symbol
GBU6A
GBU6B
GBU6D
GBU6G
GBU6J
GBU6K
Unit
RMS Reverse Voltage
V
= 100°C
I
t Rating for Fusing (t < 8.35ms)
I
= 6.0A
V
Typical Thermal Resistance (per leg) (Note 1)
R
Typical Thermal Resistance (per leg) (Note 2)
R
Operating and Storage Temperature Range
T


Similar Part No. - GBU6D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBU6D DIOTEC-GBU6D Datasheet
114Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
GBU6D PANJIT-GBU6D Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU6D GENESIC-GBU6D Datasheet
345Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Diotec Semiconductor
GBU6D DIOTEC-GBU6D Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Micro Commercial Compon...
GBU6D MCC-GBU6D Datasheet
182Kb / 3P
   6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU6D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com