Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL042-1818A5-50KL1A1 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL042-1818A5-50KL1A1
Description  This data sheet is applied to the LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL042-1818A5-50KL1A1 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL042-1818A5-50KL1A1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL042-1818A5-50KL1A1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(2) Electro-optical Characteristics
Tc=25C
Chromaticity coordinates ( Condition : IF=1080mA, Tc = 25C)
Note: The tolerance of measurement at our tester is VF+/-3% , Φv+/-10% , Chromaticity(x,y)+/-0.005 and Ra+/-1.
DATA SHEET
3/11
Forward Voltage
Symbol
IF=1080mA
50.4
VF
54.4
Parameter
Condition
-
lm
7065
Min.
Typ.
59.9
V
Max.
Unit
8310
Luminous Flux
CRI
Φv
IF=1080mA
Ra
IF=1080mA
-
C/W
Thermal Resistance
Rj-c
Junction-Case
-
0.4
CITILED
Name
CLL042-1818A5-50KL1A1
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
65
-
-
-
x
y
Center
0.3473
0.3717
a
0.3572
0.3919
b
0.3397
0.3775
c
0.3387
0.3528
d
0.3536
0.3646
0.36 0.38
x-y chart-CIE1931
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.32
0.33
0.34
0.35
0.36
0.37
x
Color region
B.B. Locus
4800K
5400K
5000K
4600K
5200K
Ref.CE-P2341 03/13 R1(1013)


Similar Part No. - CLL042-1818A5-50KL1A1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL042-1818A5-273H3D2 CITIZEN-CLL042-1818A5-273H3D2 Datasheet
865Kb / 12P
   This data sheet is applied to the LED package
CLL042-1818A5-273M1A2 CITIZEN-CLL042-1818A5-273M1A2 Datasheet
411Kb / 12P
   This data sheet is applied to the LED package
More results

Similar Description - CLL042-1818A5-50KL1A1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com