Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU10005 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # GBU10005
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

GBU10005 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  GBU10005 Datasheet HTML 1Page - Bruckewell Technology LTD GBU10005 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -220 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBU
GBU
GBU
GBU
GBU
GBU
GBU
10005
1001
1002
1004
1006
1008
1010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
3.The typical data above is for reference only
SYMBOL
UNIT
CHARACTERISTICS
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT
- 10.0
Amperes
GLASS PASSIVATED BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
-55 to +150
IFSM
200
70
2.2
500
A
220
10.0
3.0
GBU10005 thru GBU1010
A
IR
1.0
I(AV)
-55 to +150
10.0
μA
GBU
.047(1.2)
.035(0.9)
.057(1.45)
.073(1.85)
.680(17.27)
.720(18.29)
.752(19.1)
.720(18.3)
.430(10.9)
.437(11.1)
.392(9.80)
.401(10.2)
.190
.210
(4.8)
(5.3) (5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
.080(2.03)
.065(1.65)
.085(2.16)
.100(2.54)
CHAMFER
.126(3.2)*45°
.232(5.9)
.213(5.4)
.161(4.1)
.134(3.4)
.860(21.8)
.874(22.2)
-
+
.018(.46)
.022(.56)
.106(2.7)
.091(2.3)
.139(3.53)
.133(3.37)


Similar Part No. - GBU10005

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
GBU10005 ASEMI-GBU10005 Datasheet
699Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
DIYI Electronic Technol...
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Shanghai Shunye Electro...
GBU10005 SY-GBU10005 Datasheet
132Kb / 2P
   SILICON BRIDGE RECTIFIERS 10.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
GBU10005 RFE-GBU10005 Datasheet
1,001Kb / 3P
   Bridge Rectifiers
12-28-2022
More results

Similar Description - GBU10005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com