Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD6F002QDSVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD6F002QDSVRQ1
Description  Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD6F002QDSVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPD6F002QDSVRQ1 Datasheet HTML 1Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 2Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 3Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 4Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 5Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 6Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 7Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 8Page - Texas Instruments TPD6F002QDSVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Ch1_In
Ch2_In
Ch3_In
Ch4_In
Ch5_In
Ch6_In
Ch1_Out
Ch2_Out
Ch3_Out
Ch4_Out
Ch5_Out
Ch6_Out
TPD6F002-Q1
www.ti.com
SLLSEK0A – DECEMBER 2014 – REVISED FEBRUARY 2015
6 Pin Configuration and Functions
DSV PACKAGE
(3.0 mm × 1.35 mm × 0.75 mm)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1, 2, 3, 4, 5,
ChX_In
IO
ESD-protected channel, connected to corresponding ChX_Out
6
7, 8, 9, 10,
ChX_Out
IO
ESD-protected channel, connected to corresponding ChX_In
11, 12
GND
G
G
Ground
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
IO to GND
5.75
V
TJ
Junction temperature
125
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002, all pins(1)
±10
Charged device model (CDM), per AEC Q101-005, all pins
±1.5
V(ESD)
Electrostatic discharge
kV
IEC 61000-4-2 Contact Discharge
±20
IEC 61000-4-2 Air-Gap Discharge
±30
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIO
Input pin voltage
0
5.5
V
TA
Operating free-air temperature
-40
125
°C
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD6F002-Q1


Similar Part No. - TPD6F002QDSVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD6F002DSVR TI-TPD6F002DSVR Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
More results

Similar Description - TPD6F002QDSVRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3 Datasheet
140Kb / 8P
   10 line EMI filter and ESD protection for LCD and cameras
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3_08 Datasheet
168Kb / 8P
   10-line IPAD, EMI filter and ESD protection for LCD and cameras
EMIF02-MIC07F3 STMICROELECTRONICS-EMIF02-MIC07F3 Datasheet
283Kb / 8P
   EMI filter and ESD protection
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06LP ONSEMI-CM1442-06LP Datasheet
1Mb / 10P
   LCD and Camera EMI Filter Array with ESD Protection
March 2010 Rev. 3
CM1450 ONSEMI-CM1450 Datasheet
608Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1621 ONSEMI-CM1621 Datasheet
294Kb / 11P
   LCD and Camera EMI Filter Array with ESD Protection
June 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com