Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E2U06-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E2U06-Q1
Description  Automotive Dual-Channel High-Speed ESD Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD2E2U06-Q1 Datasheet HTML 4Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 5Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 6Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 7Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 8Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 9Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 10Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 11Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IO1
IO2
Copyright © 2016, Texas Instruments Incorporated
8
TPD2E2U06-Q1
SLLSEJ9D – DECEMBER 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD2E2U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD2E2U06-Q1 device is a TVS ESD protection diode array with low capacitance. It is rated to dissipate
ESD strikes above the maximum level specified in the IEC 61000-4-2 international standard. The 1.5-pF line
capacitance makes it ideal for protecting interfaces such as USB 2.0, LVDS, Antenna, and I2C.
7.2 Functional Block Diagram
7.3 Feature Description
The TPD2E2U06-Q1 device is a TVS ESD protection diode array with low capacitance. It is rated to dissipate
ESD strikes above the maximum level specified in the IEC 61000-4-2 international standard. The 1.5-pF line
capacitance makes it ideal for protecting interfaces such as USB 2.0, LVDS, Antenna, and I2C.
7.3.1 AEC-Q101 Qualified
This device is qualified to AEC-Q101 standards. It passes HBM H3B (±8 kV) and CDM C5 (±1 kV) ESD ratings
and is qualified to operate from –40°C to +125°C.
7.3.2 IEC 61000-4-2 Level 4
The I/O pins can withstand ESD events up to ±25-kV contact and ±30-kV air. An ESD-surge clamp diverts the
current to ground.
7.3.3 IO Capacitance
The capacitance between each I/O pin to ground is 1.5 pF. These capacitances support data rates in excess of
1.5 Gbps.
7.3.4 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is a minimum of 6.5 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of 5.5 V.
7.3.5 Ultra-Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (Maximum) with a bias of 2.5 V.
7.3.6 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 9.7 V (IPP = 1 A).
7.3.7 Industrial Temperature Range
This device is designed to operate from –40°C to +125°C.


Similar Part No. - TPD2E2U06-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD2E2U06-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com