Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1E10B06QDPYRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E10B06QDPYRQ1
Description  1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V Breakdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06QDPYRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD1E10B06QDPYRQ1 Datasheet HTML 2Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 3Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 4Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 5Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 6Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 7Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 8Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 9Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Time (Ps)
-10
0
10
20
30
40
50
60
70
0
0
1
15
2
30
3
45
4
60
5
75
6
90
7
105
8
120
9
135
10
150
D001
Current
Power
6
TPD1E10B06-Q1
SLVSDN7A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPD1E10B06-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. IEC 61000-4-2 Clamp Voltage +8-kV Contact ESD
Figure 2. IEC 61000-4-2 Clamp Voltage –8-kV Contact ESD
Figure 3. Transmission Line Pulse (TLP) Waveform Pin 1 to
Pin 2
Figure 4. Transmission Line Pulse (TLP) Waveform Pin 2 to
Pin 1
Figure 5. IV Curve
Figure 6. Positive Surge Waveform (8/20 µs)


Similar Part No. - TPD1E10B06QDPYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06QDPYRQ1 TI-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E10B06QDPYRQ1 LEIDITECH-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - TPD1E10B06QDPYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
[Old version datasheet]   ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
TPD1E10B06-Q1 TI-TPD1E10B06-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com