Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1E1B04DPYT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E1B04DPYT
Description  1-Channel ESD Protection Diode with Low R(DYN) and Low Clamping Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E1B04DPYT Datasheet(HTML) 5 Page - Texas Instruments

  TPD1E1B04DPYT Datasheet HTML 1Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 2Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 3Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 4Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 5Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 6Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 7Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 8Page - Texas Instruments TPD1E1B04DPYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
TPD1E1B04
www.ti.com
SLVSDL0A – MAY 2016 – REVISED JULY 2016
Product Folder Links: TPD1E1B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 100 nA
–3.6
3.6
V
VBRF
Breakdown voltage, any IO pin to
GND
Measured as the maximum voltage
before device snaps back into VHOLD
voltage
6.4
V
VBRR
Breakdown voltage, GND to any IO
pin
Measured as the maximum voltage
before device snaps back into VHOLD
voltage
–6.4
V
VHOLD
Holding voltage
IIO = 1 mA, TA = 25°C
5
6
6.6
V
VCLAMP
Clamping voltage
IPP = 1 A, TLP, from IO to GND
6.3
V
IPP = 5 A, TLP, from IO to GND
6.8
IPP = 16 A, TLP, from IO to GND
8.5
IPP = 1 A, TLP, from GND to IO
6.3
IPP = 5 A, TLP, from GND to IO
6.8
IPP = 16 A, TLP, from GND to IO
8.5
ILEAK
Leakage current, IO to GND
VIO = ±2.5 V
0.2
100
nA
RDYN
Dynamic resistance
IO to GND
0.15
Ω
GND to IO
0.15
CL
Line capacitance
VIO = 0 V, f = 1 MHz, IO to GND, TA
= 25°C
1
1.3
pF


Similar Part No. - TPD1E1B04DPYT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR-TP LEIDITECH-TPD1E1B04DPYR-TP Datasheet
341Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results

Similar Description - TPD1E1B04DPYT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSPU5201 ONSEMI-NSPU5201 Datasheet
180Kb / 6P
   ESD and Surge Protection Diode Low Clamping Voltage
March, 2021 ??Rev. 2
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5_09 Datasheet
159Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA6V8AXV5T2G ONSEMI-NZQA6V8AXV5T2G Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
logo
Texas Instruments
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
logo
Infineon Technologies A...
ESD300-B1-02LRH INFINEON-ESD300-B1-02LRH Datasheet
529Kb / 13P
   Low Clamping & Low Capacitance ESD/Surge Protection Diode
Revision 1.2, 2013-11-26
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
   Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
   Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
   Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD3V3L1BSF NEXPERIA-PESD3V3L1BSF Datasheet
220Kb / 11P
   Very low clamping bidirectional ESD protection diode
2 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com