Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1E10B06-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E10B06-Q1
Description  1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V Breakdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPD1E10B06-Q1 Datasheet HTML 1Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 2Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 3Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 4Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 5Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 6Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 7Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 8Page - Texas Instruments TPD1E10B06-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GND
Speaker
Connector
(Source of ESD)
1
1
2
2
L Audio IN
Audio Amplifier
Class AB
(ESD Sensitive)
R Audio IN
L
R
Audio Amplifier
Class AB
(ESD Sensitive)
GND
GND
L Audio
R Audio
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD1E10B06-Q1
SLVSDN7A – AUGUST 2016 – REVISED AUGUST 2016
TPD1E10B06-Q1 1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V
Breakdown
1
1 Features
1
AEC-Q101 Qualified
IEC 61000-4-2 Level 4 ESD Protection
±30-kV Contact Discharge
±30-kV Air-Gap Discharge
ISO 10605 (330 pF, 330 Ω) ESD Protection
±8-kV Contact Discharge
±15-kV Air-Gap Discharge
IEC 61000-4-5 Surge Protection
6 A (8/20 µs)
I/O Capacitance 12 pF (Typical)
RDYN: 0.38 Ω (Typical)
DC Breakdown Voltage: ±6 V (Minimum)
Ultra low Leakage Current 100 nA (Maximum)
10-V Clamping Voltage (Typical at IPP = 1 A)
Industrial Temperature Range: –40°C to +125°C
Space-Saving 0402 Footprint
2 Applications
End Equipment:
Head Unit
Premium Audio
External Amplifier
Body Control Module
Gateway
Telematics
Camera Module
Interfaces:
Audio Lines
Pushbuttons
Memory Interface
GPIO
3 Description
The TPD1E10B06-Q1 device is a bidirectional TVS
ESD protection diode in a small 0402 industry
standard package which is convenient for component
placement in space-saving applications featuring low
RDYN and high IEC rating. The TPD1E10B06-Q1 is
rated to dissipate ESD strikes above the maximum
level specified in the IEC 61000-4-2 international
standard (Level 4) since ESD voltages can easily
reach 5000 V, which is more than enough to damage
many
integrated
circuits,
but
during
extreme
conditions the voltages can be significantly higher.
For example, in a low humidity environment voltages
can exceed 20,000 V.
The low dynamic resistance (0.38 Ω) and low
clamping voltage (10 V at 1-A IPP) ensures system
level protection against transient events, providing
sufficient protection on designs that are exposed to
ESD events. This device also features a 12-pF IO
capacitance making it ideal for audio lines, push
buttons, memory interfaces, or GPIOs.
This device is also available without automotive
qualification: TPD1E10B06.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD1E10B06-Q1
X1SON (2)
0.60 mm × 1.00 mm
TPD1E10B06(2)
X1SON (2)
0.60 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This device is not part of the TPD1E10B06-Q1 datasheet,
please see TPD1E10B06 for all electrical parameters and
device characteristics
Typical Application Schematic


Similar Part No. - TPD1E10B06-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06-Q1 TI-TPD1E10B06-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
TPD1E10B06-Q1 TI-TPD1E10B06-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
OCTOBER 2021
TPD1E10B06-Q1 TI-TPD1E10B06-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
TPD1E10B06-Q1 TI-TPD1E10B06-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
More results

Similar Description - TPD1E10B06-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
[Old version datasheet]   ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
TPD1E10B06-Q1 TI-TPD1E10B06-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com