Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV171IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV171IDBVR
Description  36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV171IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV171IDBVR Datasheet HTML 4Page - Texas Instruments TLV171IDBVR Datasheet HTML 5Page - Texas Instruments TLV171IDBVR Datasheet HTML 6Page - Texas Instruments TLV171IDBVR Datasheet HTML 7Page - Texas Instruments TLV171IDBVR Datasheet HTML 8Page - Texas Instruments TLV171IDBVR Datasheet HTML 9Page - Texas Instruments TLV171IDBVR Datasheet HTML 10Page - Texas Instruments TLV171IDBVR Datasheet HTML 11Page - Texas Instruments TLV171IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
TLV171, TLV2171, TLV4171
SBOS783 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TLV171 TLV2171 TLV4171
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing
Positive rail, VS = ±18 V, RL = 10 kΩ,
TA = 25°C
160
mV
Negative rail, VS = ±18 V, RL = 10 kΩ,
TA = 25°C
90
mV
RL = 10 kΩ, AOL ≥ 94 dB,
TA = –40°C to +125°C
(V–) + 0.35
(V+) – 0.35
V
ISC
Short-circuit current
25
mA
–35
CLOAD
Capacitive load drive
See Typical Characteristics
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
150
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
36
V
IQ
Quiescent current per amplifier
IO = 0 A, TA = –40°C to +125°C
525
695
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C


Similar Part No. - TLV171IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171IDBVR TI1-TLV171IDBVR Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV171IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com