Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3909GLNx-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3909GLNx-T
Description  Dual Full Bridge Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3909GLNx-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3909GLNx-T Datasheet HTML 2Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 3Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 4Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 5Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 6Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 7Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 8Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 9Page - Allegro MicroSystems A3909GLNx-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dual Full Bridge Motor Driver
A3909
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LN, 10-Pin SSOP
Terminal #1 mark area
A
1.55 ±0.20
1.00
BSC
2
1
10
A
C
C
0.21 ±0.04
1.05 (REF)
0.25
0.10
0° to 8°
4.90 ±0.20
3.90 ±0.10 6.00 ±0.20
4.95
2
1
10
0.65
1.00
2.25
0.45
0.30
1.27
0.40
For Reference Only; not for tooling use
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Branded Face
PCB Layout Reference View
Reference land pattern layout. All pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances; when mounting on a multilayer
PCB, thermal vias near the pin lands can improve thermal dissipation
(reference EIA/JEDEC Standard JESD51-7)
B
N = Device part number
= Supplier emblem
Y = Last two digits of year of manufacture
W = Week of manufacture
L = Lot number
NNNNNNN
LLLL
1
YYWW
Standard Branding Reference View
B Branding scale and appearance at supplier discretion


Similar Part No. - A3909GLNx-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
More results

Similar Description - A3909GLNx-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
   DUAL FULL-BRIDGE MOTOR DRIVER
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com