Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1642LKNTN-I2-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1642LKNTN-I2-T
Description  Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1642LKNTN-I2-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1642LKNTN-I2-T Datasheet HTML 6Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 13Page - Allegro MicroSystems A1642LKNTN-I2-T Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Two-Wire True Zero-Speed Miniature Differential
Peak-Detecting Sensor IC with Continuous Calibration
A1642
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Power Supply Protection
The device contains an on-chip regulator and can operate over
a wide VCC range. For devices that need to operate from an
unregulated power supply, transient protection must be added
externally. For applications using a regulated line, EMI/RFI pro-
tection may still be required. Contact Allegro Microsystems for
information on the circuitry needed for compliance with various
EMC specifications. Refer to figure 7 for an example of a basic
application circuit.
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
voltage, VCC(UV), the device enters Reset, where the output state
returns to the Power-On State (POS) until sufficient VCC is sup-
plied. ICC levels may not meet datasheet limits when
VCC < VCC(min).
Assembly Description
This device is integrally molded into a plastic body that has been
optimized for size, ease of assembly, and manufacturability.
High operating temperature materials are used in all aspects of
construction.
Diagnostics
The regulated current output is configured for two wire appli-
cations, requiring one less wire for operation than do switches
with the more traditional open-collector output. Additionally,
the system designer inherently gains diagnostics because there is
always output current flowing, which should be in either of two
narrow ranges, shown in figure 8 as ICC(High) and ICC(Low). Any
current level not within these ranges indicates a fault condi-
tion. If ICC > ICC(High)max, then a short condition exists, and if
ICC < ICC(low)min, then an open condition exists. Any value of ICC
between the allowed ranges for ICC(High) and ICC(Low) indicates a
general fault condition.
Figure 7: Typical Application Circuit
A1642
VCC
GND
V+
0.01
1
4
µF
ECU
Pins 2 and 3 floating
R
100
Ω
SENSE
CBYP
Figure 8: Diagnostic Characteristics of Supply Current Values
ICC(High)max
ICC(High)min
Range for Valid ICC(HIGH)
Range for Valid ICC(LOW)
ICC(Low)max
ICC(Low)min
0
+mA
Short
Fault
Open


Similar Part No. - A1642LKNTN-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK-I1-T ALLEGRO-A1642LK-I1-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK-I2-T ALLEGRO-A1642LK-I2-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LKTN-I1-T ALLEGRO-A1642LKTN-I1-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LKTN-I2-T ALLEGRO-A1642LKTN-I2-T Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results

Similar Description - A1642LKNTN-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH ALLEGRO-ATS642LSH Datasheet
430Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
ATS682LSH ALLEGRO-ATS682LSH Datasheet
325Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
ATS682 ALLEGRO-ATS682 Datasheet
323Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
A17301 ALLEGRO-A17301 Datasheet
852Kb / 15P
   Three-Wire Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
   Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com