Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1569K Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1569K
Description  Automotive LED Driver with Integrated Hall-Effect Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1569K Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1569K Datasheet HTML 1Page - Allegro MicroSystems A1569K Datasheet HTML 2Page - Allegro MicroSystems A1569K Datasheet HTML 3Page - Allegro MicroSystems A1569K Datasheet HTML 4Page - Allegro MicroSystems A1569K Datasheet HTML 5Page - Allegro MicroSystems A1569K Datasheet HTML 6Page - Allegro MicroSystems A1569K Datasheet HTML 7Page - Allegro MicroSystems A1569K Datasheet HTML 8Page - Allegro MicroSystems A1569K Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Automotive LED Driver with
Integrated Hall-Effect Switch
A1569K
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS: Valid at TA = –40°C to 125°C, VIN = 7 to 24 V (unless otherwise specif ied)
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Electrical Characteristics
VIN Functional Operating Range
VIN (VDD)
Operating, TJ < 165°C
7
24
V
VIN Quiescent Current
IINQ
LA connected to VIN, LED off
6
10
mA
VIN Sleep Current
IINS
SEN_EN and EXT = GND
10
25
µA
Startup Time
tON
SEN_EN = VIN, |B| < |BRPx| – 5 gauss,
RIREF = 600 Ω, CFADE = 100 pF,
measured from VIN > 7 V to ILA source > 90% ILAmax
1
ms
External Response Time
tEXT
SEN_EN = GND, VIN > 7 V
RIREF = 600 Ω, CFADE = 100 pF, measured from
EXT > VIH(MIN) to ILA source > 5% ILAmax
1
ms
Current Regulation
Reference Voltage
VIREF
267 µA < IREF < 2 mA
1.2
V
Reference Current Ratio
GH
(ILA + 0.5) / IREF
75
Current Accuracy2
EILA
20 mA > ILA > 150 mA
–5
±4
5
%
Output Source Current
ILA
SEN_EN = high, BFIELD < BRP
GH × IREF
RIREF = 600 Ω, SEN_EN = high and BFIELD < BRP, or
EXT = high
150
170
mA
Dropout Voltage
VDO
VIN – VLA , ILA = 150 mA
2.4
V
VIN – VLA , ILA = 50 mA
800
mV
Current Slew Time
tFADE(MIN)
Current rising or falling between 10% and 90%,
CFADE = 100 pF
80
µs
Logic Inputs
Input Low Voltage
VIL
SEN_EN, EXT
0.8
V
Input High Voltage
VIH
SEN_EN, EXT
2
V
Pull-Down Resistor
RPD
SEN_EN, EXT
50
Input Voltage Range
VLOGIC
EXT, IREF, THTH, FADE
–0.3
5.5
V
SEN_EN
–0.3
24
V
1
Typical data is at TA = 25ºC and VIN = 12 V and it is for design information only.
2
When SEN_EN or EXT = high, EILA = 100 × {[( | ILA | + 0.5 ) × RIREF / 90 ] – 1}, with ILA in mA and RIREF in kΩ.
Continued on next page...


Similar Part No. - A1569K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
A1569ELJTR-T ALLEGRO-A1569ELJTR-T Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
More results

Similar Description - A1569K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
   LED Driver with Integrated Hall-Effect Switch
logo
Rohm
BD5310XG-CZ ROHM-BD5310XG-CZ Datasheet
957Kb / 17P
   Automotive Hall Effect Switch Series
23.May.2022 Rev.001
logo
Infineon Technologies A...
TLE4964-5M INFINEON-TLE4964-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-01-15
TLE4964-1M INFINEON-TLE4964-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Infineon Technologies A...
TLE4968-1M INFINEON-TLE4968-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-04-07
TLE4964-6M INFINEON-TLE4964-6M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-07-05
TLE4964-4M INFINEON-TLE4964-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-05-07
TLE4964-3M INFINEON-TLE4964-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-12-18
TLI4965-5M INFINEON-TLI4965-5M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Switch
Rev. 1.0, 2015-07-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com