Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1454KLETR-4F-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1454KLETR-4F-T
Description  3V Hall Effect Linear Sensor with I2C Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1454KLETR-4F-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1454KLETR-4F-T Datasheet HTML 1Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 2Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 3Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 4Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 5Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 6Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 7Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 8Page - Allegro MicroSystems A1454KLETR-4F-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3V Hall Effect Linear Sensor with I2C Output
A1454
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Factory Programmed Quiescent
Voltage Output
QVO
A1454KLETR-4N,TA = 25°C
±10
LSB
A1454KLETR-4F,TA = 25°C
±10
LSB
A1454KLETR-2N,TA = 25°C
±10
LSB
A1454KLETR-2F,TA = 25°C
±10
LSB
Factory Programmed Sensitivity
Sens
A1454KLETR-4N,TA = 25°C FSI = +/- 500 G
4.0
LSB/G
A1454KLETR-4F,TA = 25°C FSI = +/- 500 G
4.0
LSB/G
A1454KLETR-2N,TA = 25°C FSI = +/- 1000 G
2.0
LSB/G
A1454KLETR-2F,TA = 25°C FSI = +/- 1000 G
2.0
LSB/G
Sensitivity Temperature Coefficient
TCsens
NdFeB compensated2 applies to part numbers
with suffix ‘N’
0.12
%/ºC
Ferrite compensated3 applies to part numbers
with suffix ‘F’
0.21
%/ºC
Linearity sensitivity error4
LinERR
<±1
%
Effective Number of Bits
Field = 1000 G, Temp = 25ºC, BW = 2 kHz.
~10
Bits
Effective Number of Bits
Field = 500 G, Temp = 25–C, BW = 2 kHz.
~9
Bits
Sensitivity Error vs. Temp
SensErr
–40ºC ~ +85ºC
<±3
%
–40ºC ~ +125ºC
<±6
%
1
1 G (gauss) = 0.1 mT (millitesla).
2
The slope of the Hall gain function with temperature change is meant to compensate for the variation of a Neodymium magnet with temperature.
3
The slope of the Hall gain function with temperature change is meant to compensate for the variation of a ferrite magnet with temperature.
4
See Characteristic Definitions section.
MAGNETIC CALIBRATION CHARACTERISTICS: valid at TA = 25°C and CBYPASS = 0.1 μF; unless otherwise noted


Similar Part No. - A1454KLETR-4F-T

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
A14557 LSTD-A14557 Datasheet
640Kb / 2P
   TflexTM 500 Series
logo
EPCOS
A1456 EPCOS-A1456 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
More results

Similar Description - A1454KLETR-4F-T

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
   Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
[Old version datasheet]   Linear Hall Effect Sensor With PWM Output
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Texas Instruments
DRV5057 TI-DRV5057_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5057 Linear Hall Effect Sensor With PWM Output
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com