Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1454KLETR-2F-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1454KLETR-2F-T
Description  3V Hall Effect Linear Sensor with I2C Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1454KLETR-2F-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1454KLETR-2F-T Datasheet HTML 1Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 2Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 3Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 4Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 5Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 6Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 7Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 8Page - Allegro MicroSystems A1454KLETR-2F-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3V Hall Effect Linear Sensor with I2C Output
A1454
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Bus Free Time Between Stop and
Start
tBUF
1.3
µs
Hold Time Start Condition
tndSTA
0.6
µs
Setup Time for Repeated Start
Condition
tsuSTA
0.6
µs
SCL Low Time
tlow
1.3
µs
SCL High Time
thigh
0.6
µs
Data Setup Time
tsuDAT
100
ns
Data Hold Time
thdDAT
0
900
ns
Setup Time for Stop Condition
tsuSTO
0.6
µs
Logic Input Low Level (SDA, SCL
pins)
VIL
30
%VCC
Logic Input High Level (SDA, SCL
pins)
VIH
70
%VCC
Logic Input Current
IIN
VIN = 0 V to VCC
–1
0
1
µA
Output Voltage (SDA pin)
VOL
ILOAD = 1.5 mA
0.36
V
Clock Frequency (SCL pin)
fCLK
400
kHz
Output Fall Time (SDA pin)
tf
RPU = 2.4 kΩ, CB = 100 pF
250
ns
I2C Pull-Up Resistance
REXT
2.4
10
Total Capacitive Load for Each of SDA
and SCL Buses
CB
100
pF
*These values are ratiometric to the supply voltage. I2C Interface Characteristics are ensured by design and not factory tested.
*Contact Allegro for 1.8V I2C Bus support.
I2C INTERFACE CHARACTERISTICS*: valid at TA = 25°C, VCC = 3.0 V, and REXT = 10 kΩ; unless otherwise noted
t
suSTA
t
suDAT
t
LOW
t
suSTO
t
hdSTA
t
hdDAT
t
HIGH
t
BUF
SDA
SCL
Figure 1: I2C Interface Timing Diagram


Similar Part No. - A1454KLETR-2F-T

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
A14557 LSTD-A14557 Datasheet
640Kb / 2P
   TflexTM 500 Series
logo
EPCOS
A1456 EPCOS-A1456 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
More results

Similar Description - A1454KLETR-2F-T

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
   Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
[Old version datasheet]   Linear Hall Effect Sensor With PWM Output
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Texas Instruments
DRV5057 TI-DRV5057_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5057 Linear Hall Effect Sensor With PWM Output
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com