Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1454 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1454
Description  3V Hall Effect Linear Sensor with I2C Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1454 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1454 Datasheet HTML 1Page - Allegro MicroSystems A1454 Datasheet HTML 2Page - Allegro MicroSystems A1454 Datasheet HTML 3Page - Allegro MicroSystems A1454 Datasheet HTML 4Page - Allegro MicroSystems A1454 Datasheet HTML 5Page - Allegro MicroSystems A1454 Datasheet HTML 6Page - Allegro MicroSystems A1454 Datasheet HTML 7Page - Allegro MicroSystems A1454 Datasheet HTML 8Page - Allegro MicroSystems A1454 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3V Hall Effect Linear Sensor with I2C Output
A1454
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Electrical Characteristics
Supply Voltage
VCC
Normal Operation
2.65
3.0
3.5
V
EEPROM programming
2.8 3
3.5
V
Turn On Delay1
tdon
After VCC(min) is reached
30
ms
Supply Current
ICC
VCC = VCC(max), Active mode
2
5
mA
VCC = VCC(max), Sleep mode
0.2
1
µA
VCC = VCC(max), EEPROM programming
occurring
2
5
mA
Internal Bandwidth2
BWi
Small signal –3 dB
2
kHz
Output Refresh Rate3
fout
32
kHz
POR VCC Low Time4
tPOR
VCC goes below VCC(min)
100
ms
Number of EEPROM Writes
Number of times the EEPROM can be written
1000
writes
Address Pin Characteristics
Address Value 0 Reference 5
VADDR0
ADR0, ADR1 Pins
0
0.1
x VCC
Address Value 1 Reference 5
VADDR1
ADR0, ADR1 Pins
0.23
0.33
0.43
x VCC
Address Value 2 Reference 5
VADDR2
ADR0, ADR1 Pins
0.57
0.67
0.77
x VCC
Address Value 3 Reference 5
VADDR3
ADR0, ADR1 Pins
0.90
0.100
x VCC
Address Pin Input Resistance
Rin
ADR0, ADR1 Pins
0.8
1
1.2
1
The device will not respond to I2C inputs until after the turn-on delay.
2
Determined by design and characterization, not evaluated at final test.
3
The rate at which a new output value is available to be read by the I2C interface.
4
If VCC is below VCC(min) for this amount of time, the device will reset when VCC goes above VCC(min). If the device is in Sleep mode when VCC goes below VCC(min), this time
will be much longer due to the slow discharge of internal capacitors while in Sleep mode.
5
Based on design simulation and device characterization. Not verified for each part at final test.
OPERATING CHARACTERISTICS: valid at TA = 25°C, VCC = 3.0 V, and CBYPASS = 0.1 μF; unless otherwise noted


Similar Part No. - A1454

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
A14557 LSTD-A14557 Datasheet
640Kb / 2P
   TflexTM 500 Series
logo
EPCOS
A1456 EPCOS-A1456 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
More results

Similar Description - A1454

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
   Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
[Old version datasheet]   Linear Hall Effect Sensor With PWM Output
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Texas Instruments
DRV5057 TI-DRV5057_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5057 Linear Hall Effect Sensor With PWM Output
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com