Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425LK-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1425LK-T
Description  High Accuracy Analog Speed Sensor IC with Integrated Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1425LK-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1425LK-T Datasheet HTML 4Page - Allegro MicroSystems A1425LK-T Datasheet HTML 5Page - Allegro MicroSystems A1425LK-T Datasheet HTML 6Page - Allegro MicroSystems A1425LK-T Datasheet HTML 7Page - Allegro MicroSystems A1425LK-T Datasheet HTML 8Page - Allegro MicroSystems A1425LK-T Datasheet HTML 9Page - Allegro MicroSystems A1425LK-T Datasheet HTML 10Page - Allegro MicroSystems A1425LK-T Datasheet HTML 11Page - Allegro MicroSystems A1425LK-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
High Accuracy Analog Speed Sensor IC with Integrated
Filter Capacitor and Dual Zero-Crossing Output Signal
A1425
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Simulation Results, continued
125
0
Frequency, fBdiff (kHz)
0.1
1
10
40
20
–20
15
–15
10
–10
5
–5
0
A1425 Typical Delay
Over the Range of Applied Magnetic Fields, Bdiff
fBdiff(low) = 15 Hz, fBdiff(high) = 30 kHz
Bdiff in Gp-p
50
100
500
750
1250
Frequency, fBdiff (Hz)
0
100
1000
0
–1000
–2000
–3000
–4000
–5000
–6000
A1425 Typical Delay
Over the Range of Applied Magnetic Fields, Bdiff
fBdiff(low) = 15 Hz, fBdiff(high) = 30 kHz
Bdiff in Gp-p
Positive values of delay indicate a lagging output, while negative values indicate a leading output.
Positive values of delay indicate a lagging output, while negative values indicate a leading output.


Similar Part No. - A1425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425LK-T ALLEGRO-A1425LK-T Datasheet
807Kb / 13P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
More results

Similar Description - A1425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
411Kb / 13P
   High Accuracy Analog Speed Sensor IC with Integrated Filter
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425 ALLEGRO-A1425_05 Datasheet
807Kb / 13P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
   High Accuracy GMR Wheel Speed Sensor IC
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
Allegro MicroSystems
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
   High Accuracy GMR Wheel Speed and Direction Sensor IC
A1667 ALLEGRO-A1667 Datasheet
887Kb / 15P
   True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com