Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1421 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1421
Description  High Precision Hall Effect AC-Coupled Differential Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1421 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1421_16 Datasheet HTML 1Page - Allegro MicroSystems A1421_16 Datasheet HTML 2Page - Allegro MicroSystems A1421_16 Datasheet HTML 3Page - Allegro MicroSystems A1421_16 Datasheet HTML 4Page - Allegro MicroSystems A1421_16 Datasheet HTML 5Page - Allegro MicroSystems A1421_16 Datasheet HTML 6Page - Allegro MicroSystems A1421_16 Datasheet HTML 7Page - Allegro MicroSystems A1421_16 Datasheet HTML 8Page - Allegro MicroSystems A1421_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Description
The A1421, A1422, and A1423 are AC-coupled Hall-effect
sensor ICs which include monolithic integrated circuits that
switch in response to changing differential magnetic fields
created by rotating ring magnets or, when coupled with a
magnet, by ferrous targets. This family of devices also includes
an integrated capacitor that provides the high accuracy of analog
sensing without an external filter capacitor. This reduces cost
and components, while improving the reliability of the final
sensor solution.
Magnetic field changes affect the two integrated Hall
transducers and then are differentially amplified on the chip.
Differential design provides immunity to radial vibration,
within the device operating air gap range, by rejection of this
common-mode signal change. Steady-state system offsets
are eliminated using an on-chip differential bandpass filter
with integrated capacitor. This filter also provides relative
immunity to interference from electromagnetic sources. The
device utilizes advanced temperature compensation for the
high-pass filter, sensitivity, and Schmitt trigger switchpoints
to guarantee optimal operation to low frequencies over a wide
range of air gaps and temperatures.
A1421a-DS, Rev. 4
Features and Benefits
• Integrated tracking capacitor
• Used for sensing motion of ring magnet or ferrous targets
• Wide operating temperature range
• Operation with magnetic input signal frequency from
20 Hz to 30 kHz
• EMI/ESD-resistant
• Large effective air gaps
• 4.0 to 26.5 V supply operating range
• Output compatible with CMOS logic families
• Reverse battery protection
• Resistant to mechanical and thermal stress
• Accurate true zero crossing switchpoint (A1421 only)
• High vibration immunity, in running mode (A1423 only)
High Precision Hall Effect AC-Coupled Differential Sensor IC
with Integrated Filter Capacitor
Continued on the next page…
Package: 4 pin SIP (suffix K)
Functional Block Diagram
Not to scale
A1421, A1422, and A1423
Hall
Amp
Regulator
Bandpass Filter Integrated
Tracking Capacitor
VOUT
(Pin 2)
VCC
(Pin 1)
GND
(Pin 4)
0.1 uF
V
S+
Diagnostic
Circuitry
Gain
Stage
Dual Hall
Transducers
Comparator
TEST
(Pin 3)
(Required)
V
REF


Similar Part No. - A1421_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421LK ALLEGRO-A1421LK Datasheet
1Mb / 15P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1421LK-T ALLEGRO-A1421LK-T Datasheet
1Mb / 16P
   High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1421 ALLEGRO-A1421_05 Datasheet
1Mb / 16P
   High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
More results

Similar Description - A1421_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421 ALLEGRO-A1421_05 Datasheet
1Mb / 16P
   High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com