Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1326LLHLT- Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1326LLHLT-
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1326LLHLT- Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1326LLHLT- Datasheet HTML 1Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 2Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 3Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 4Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 5Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 6Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 7Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 8Page - Allegro MicroSystems A1326LLHLT- Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Linear Hall Effect Sensor ICs with Analog Output
A1324, A1325,
and A1326
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Power-On Time When the supply is ramped to its operating
voltage, the device output requires a finite time to react to an
input magnetic field. Power-On Time is defined as the time it
takes for the output voltage to begin responding to an applied
magnetic field after the power supply has reached its minimum
specified operating voltage, VCC(min).
V
+t
VCC
VCC(min.)
VOUT
90% VOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ.)
Quiescent Voltage Output In the quiescent state (that is, with
no significant magnetic field: B = 0), the output, VOUT(Q), equals
a ratio of the supply voltage, VCC, throughout the entire operat-
ing range of VCC and the ambient temperature, TA.
Quiescent Voltage Output Drift Through Temperature
Range Due to internal component tolerances and thermal con-
siderations, the quiescent voltage output, VOUT(Q), may drift from
its nominal value through the operating ambient temperature
range, TA. For purposes of specification, the Quiescent Voltage
Output Drift Through Temperature Range, ∆VOUT(Q) (mV), is
defined as:
∆VOUT(Q) VOUT(Q)TA– VOUT(Q)25°C
=
(1)
Sensitivity The presence of a south-polarity magnetic field
perpendicular to the branded surface of the package increases the
output voltage from its quiescent value toward the supply voltage
rail. The amount of the output voltage increase is proportional
to the magnitude of the magnetic field applied. Conversely, the
application of a north polarity field will decrease the output volt-
age from its quiescent value. This proportionality is specified
as the magnetic sensitivity, Sens (mV/G), of the device and is
defined as:
VOUT(B+) – VOUT(B–)
B(+) – B(–)
Sens =
(2)
where B(+) and B(–) are two magnetic fields with opposite
polarities.
Sensitivity Temperature Coefficient The device sensitivity
changes with temperature, with respect to its sensitivity tem-
perature coefficient, TCSENS. TCSENS is programmed at 150°C,
and calculated relative to the nominal sensitivity programming
temperature of 25°C. TCSENS (%/°C) is defined as:
SensT2 – SensT1
SensT1
T2–T1
1
TCSens =
×100%



(3)
where T1 is the nominal Sens programming temperature of 25°C,
and T2 is the TCSENS programming temperature of 150°C.
The ideal value of sensitivity through the temperature range,
SensIDEAL(TA), is defined as:
SensT1 × (100% + TCSENS(TA–T1) )
SensIDEAL(TA) =
(4)
Sensitivity Drift Through Temperature Range Second
order sensitivity temperature coefficient effects cause the mag-
netic sensitivity to drift from its ideal value through the operating
ambient temperature, TA. For purposes of specification, the sensi-
tivity drift through temperature range, ∆SensTC, is defined as:
SensTA– SensIDEAL(TA)
SensIDEAL(TA)
∆SensTC =
×100% (5)
Sensitivity Drift Due to Package Hysteresis Package
stress and relaxation can cause the device sensitivity at TA = 25°C
to change during or after temperature cycling. This change in
sensitivity follows a hysteresis curve.
For purposes of specification, the Sensitivity Drift Due to Pack-
age Hysteresis, ∆SensPKG, is defined as:
Sens(25°C)2 – Sens(25°C)1
Sens(25°C)1
∆SensPKG =
×100% (6)
where Sens(25°C)1 is the programmed value of sensitivity at
Characteristic Definitions


Similar Part No. - A1326LLHLT-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1326LLHLT-T ALLEGRO-A1326LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1326LLHLT-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com