Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1359 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1359
Description  Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1359 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1359_16 Datasheet HTML 1Page - Allegro MicroSystems A1359_16 Datasheet HTML 2Page - Allegro MicroSystems A1359_16 Datasheet HTML 3Page - Allegro MicroSystems A1359_16 Datasheet HTML 4Page - Allegro MicroSystems A1359_16 Datasheet HTML 5Page - Allegro MicroSystems A1359_16 Datasheet HTML 6Page - Allegro MicroSystems A1359_16 Datasheet HTML 7Page - Allegro MicroSystems A1359_16 Datasheet HTML 8Page - Allegro MicroSystems A1359_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OPERATING CHARACTERISTICS Valid over full operating temperature range, TA, CBYPASS = 0.1 μF , VCC = 5 V,
unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Electrical Characteristics
Supply Voltage
VCC
4.5
5.0
5.5
V
Undervoltage Threshold2
VUVLOHI
TA = 25°C (device powers on)
3
V
VUVLOLOW TA = 25°C (device powers off)
2.5
V
Supply Current
ICC
VCC = 5 V
10
13.5
mA
Supply Zener Clamp Voltage
VZ
TA = 25°C, ICC = 20 mA
6
8.3
V
Internal Bandwidth3
BWi
Small signal, –3 dB
2
kHz
Chopping Frequency3,4
fC
TA = 25°C
400
kHz
Analog Output Characteristics
Output Referred Noise3
VN
TA = 25°C, CBYPASS = 0.1 μF, Sens = 5 mV/G,
no load on VOUT
6
mV(p-p)
Input Referred RMS Noise Density3
VNRMS
T = 25°C, CBYPASS = open, no load on VOUT,
f << BWi
1.9
mG/√Hz
DC Output Resistance3
ROUT
–< 1
Ω
Output Load Resistance3
RL
VOUT to GND
4.7
Output Load Capacitance3
CL
VOUT to GND
10
nF
Analog Output Current Limit
ILIMIT(ALG) RPULLUP = 0 Ω
10
80
mA
Output Voltage Clamp5
VCLPH
TA = 25°C, B = +350 G,
RL = 10 kΩ (VOUT to GND)
4.25
4.5
4.65
V
VCLPL
TA = 25°C, B = –350 G,
RL = 10 kΩ (VOUT to VCC)
0.40
0.5
0.70
V
Response Time3
tRESPONSE_
VOUT
Impulse magnetic field of 300 G
500
μs
Settling Time3
tSETTLEVOUT TA = 25°C, Primary Overload > 5000 G
750
μs
Power-On Time for Analog3
tPOVOUT
TA = 25°C, CL (probe) = 10 pF, on VOUT
250
μs
Delay to Clamp for Analog3
tCLPVOUT
TA = 25°C, CL = 10 nF, on VOUT
30
μs
PWM Output Characteristics
PWMOUT Saturation Voltage
VSAT
IPWMOUT(SINK) ≤ 20 mA, PWMOUT transistor on
0.6
V
IPWMOUT(SINK) ≤ 10 mA, PWMOUT transistor on
0.5
V
PWMOUT Current Limit
ILIMIT
RPULLUP = 0 Ω
30
60
110
mA
PWMOUT Leakage Current
ILEAK
VCC = GND, 0 V ≤ VPWMOUT ≤ 5 V,
PWMOUT transistor off
0.1
10
μA
PWMOUT Zener Clamp Voltage
VZOUT
IPWMOUT(SINK) = 10 mA, TA = 25ºC
28
V
PWMOUT Rise Time3
tr
TA = 25°C, RPULLUP = 2 kΩ, CL = 20 pF
3
μs
PWMOUT Fall Time3
tf
TA = 25°C, RPULLUP = 2 kΩ, CL = 20 pF
3
μs
Power-On Time for PWM3
tPOPWM
TA = 25°C, CL (probe) = 10 pF, on PWMOUT
500
μs
Delay to Clamp for PWM3
tCLPPWM
TA = 25°C, CL = 10 nF, on PWMOUT
250
μs
Response Time3
tRESPONSE_
PWM
TA = 25°C, Impulse magnetic field of 300 G
1.5
ms
Settling Time3
tSETTLEPWM TA = 25°C, Primary Overload > 5000 G
2.25
ms
Factory-Programmed Dual Output Linear Hall Effect Sensor IC
With Analog and Pulse Width Modulated Outputs
A1359
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued on the next page…


Similar Part No. - A1359_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
More results

Similar Description - A1359_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359 ALLEGRO-A1359 Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC
A1354 ALLEGRO-A1354 Datasheet
537Kb / 22P
   High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
   High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
A1351 ALLEGRO-A1351 Datasheet
669Kb / 24P
   High Precision Linear Hall Effect Sensor IC with a Push/Pull, Pulse Width Modulated Output
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
Major-Power Technology ...
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com