Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1262ELHLT-X-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1262ELHLT-X-T
Description  2D, Dual-Channel, Ultrasensitive Hall-Effect Latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1262ELHLT-X-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1262ELHLT-X-T Datasheet HTML 1Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 2Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 3Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 4Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 5Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 6Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 7Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 8Page - Allegro MicroSystems A1262ELHLT-X-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
The A1262 integrated circuit is an ultrasensitive Hall-effect
latch.Itfeaturesoperationwithtraditionalplanarmagneticfield
direction as well as vertical. The dual operation of the planar
and vertical Hall elements allows the end user to achieve 90°
of phase separation that is inherently independent of magnetic
pole spacing. The quadrature outputs of the A1262 allow
rotation direction to be determined, such as when sensing a
rotating ring-magnet target.
The A1262 is available in two options that allow flexibility in
end-systemmagneticdesign.BothoptionsfeatureaplanarHall
plate that is sensitive to magnetic fields perpendicular to the
face of the package (Z). The primary option features a vertical
Hall plate that is sensitive to magnetic fields parallel with the
face of the package across the leaded edges of the package (Y).
The -X option features a vertical Hall plate that is sensitive to
magnetic fields parallel with the face of the package across
the leadless edges of the package (X), resulting in lower total
effective air gap.
Onasinglesiliconchip,thedeviceincludes:twoHallplates(one
planarandonevertical),amultiplexer,asmall-signalamplifier,
chopper stabilization, a Schmitt trigger, and two short-circuit
protected NMOS output transistors to sink up to 20 mA. The
A1262 features circuitry that provides automotive ruggedness
and allows operation from 4 to 24 V over a temperature range
A1262-DS, Rev. 1
• 2D magnetic sensing via planar and vertical Hall elements
• Phase separation between the two channels is inherently 90°
• Dual-channel output allows independent use of Z-axis
planar Hall in conjunction with vertical Hall:
□ Y-axis (default option)
□ X-axis (with -X option)
• High sensitivity, BOP typically 17 G
• Automotive grade
□ AEC-Q100 qualified for use in automotive applications
□ Output short-circuit protection
□ Resistant to physical stress
□ Reverse-battery protection
□ Solid-state reliability
□ Superior temperature stability
□ Supply voltage Zener clamp
• Small size
2D, Dual-Channel, Ultrasensitive Hall-Effect Latch
PACKAGES:
Functional Block Diagram
Not to scale
A1262
X/Y Hall
Z Hall
Amp
Low-Pass
Filter
To All
Subcircuits
Sample, Hold
&Averaging
Regulator
Current
Limit
Current
Limit
OUTPUTA
VDD
GND
OUTPUTB
FEATURES AND BENEFITS
DESCRIPTION
5-Pin SOT23W (Suffix LH)
Continued on the next page…


Similar Part No. - A1262ELHLT-X-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLT-T ALLEGRO-A1260ELHLT-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLX-T ALLEGRO-A1260ELHLX-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260EUA-T1 ALLEGRO-A1260EUA-T1 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Similar Description - A1262ELHLT-X-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5110 TI-TMAG5110_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110 TI-TMAG5110_V02 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110_V01 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110_V03 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110 Datasheet
4Mb / 34P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110-Q1 TI-TMAG5110-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110-Q1 TI-TMAG5110-Q1_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
logo
Major-Power Technology ...
MA7080 MPOWER-MA7080 Datasheet
166Kb / 2P
   Dual-Channel Output Hall Effect Latch
Rev.0.4
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com